Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXA2500M Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MXA2500M
Description  Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Absolute Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MXA2500M Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MXA2500M Datasheet HTML 1Page - List of Unclassifed Manufacturers MXA2500M Datasheet HTML 2Page - List of Unclassifed Manufacturers MXA2500M Datasheet HTML 3Page - List of Unclassifed Manufacturers MXA2500M Datasheet HTML 4Page - List of Unclassifed Manufacturers MXA2500M Datasheet HTML 5Page - List of Unclassifed Manufacturers MXA2500M Datasheet HTML 6Page - List of Unclassifed Manufacturers MXA2500M Datasheet HTML 7Page - List of Unclassifed Manufacturers MXA2500M Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MEMSIC MXA2500G/M Rev. E
Page 7 of 8
1/19/2005
EXTERNAL FILTERS
AC Coupling: For applications where only dynamic
accelerations (vibration) are to be measured, it is recommended
to ac couple the accelerometer output as shown in Figure 3.
The advantage of ac coupling is that variations from part to
part of zero g offset and zero g offset versus temperature can
be eliminated. Figure 3 is a HPF (high pass filter) with a –3dB
breakpoint given by the equation:
RC
f
π
2
1
=
. In many
applications it may be desirable to have the HPF –3dB point at
a very low frequency in order to detect very low frequency
accelerations. Sometimes the implementation of this HPF may
result in unreasonably large capacitors, and the designer must
turn to digital implementations of HPFs where very low
frequency –3dB breakpoints can be achieved.
A
OUTX
R
C
A
OUTY
R
C
A
OUTX
Filtered
Output
A
OUTY
Filtered
Output
Figure 3: High Pass Filter
Low Pass Filter: An external low pass filter is useful in low
frequency applications such as tilt or inclination. The low pass
filter limits the noise floor and improves the resolution of the
accelerometer. The low pass filter shown in Figure 4 has a –
3dB breakpoint given by the equation:
RC
f
π
2
1
=
. For the
200 Hz absolute output device filter, C=0.2
µF and R=39kΩ,
±5%, 1/8W.
A
OUTX
R
C
A
OUTY
R
C
A
OUTX
Filtered
Output
A
OUTY
Filtered
Output
Figure 4: Low Pass Filter
POWER SUPPLY NOISE REJECTION
Two capacitors and a resistor are recommended for best
rejection of power supply noise (reference Figure 5 below).
The capacitors should be located as close as possible to the
device supply pins (VDA, VDD). The capacitor lead length
should be as short as possible, and surface mount capacitors are
preferred. For typical applications, capacitors C1 and C2 can
be ceramic 0.1 µF, and the resistor R can be 10 Ω.
R
MEMSIC
Accelerometer
VDA
C1
C2
VDD
V SUPPLY
Figure 5: Power Supply Noise Rejection
PCB LAYOUT AND FABRICATION SUGGESTIONS
1. The Sck pin should be grounded to minimize noise.
2. Liberal use of ceramic bypass capacitors is recommended.
3. Robust low inductance ground wiring should be used.
4. Care should be taken to ensure there is “thermal
symmetry” on the PCB immediately surrounding the
MEMSIC device and that there is no significant heat
source nearby.
5. A metal ground plane should be added directly beneath the
MEMSIC device. The size of the plane should be similar
to the MEMSIC device’s footprint and be as thick as
possible.
6. Vias can be added symmetrically around the ground plane.
Vias increase thermal isolation of the device from the rest
of the PCB.


Similar Part No. - MXA2500M

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXA2500M MEMSIC-MXA2500M Datasheet
560Kb / 7P
   Improved, Ultra Low Noise ??.7 g Dual Axis Accelerometer with Absolute Outputs
v1.0
MXA2500MF MEMSIC-MXA2500MF Datasheet
560Kb / 7P
   Improved, Ultra Low Noise ??.7 g Dual Axis Accelerometer with Absolute Outputs
v1.0
MXA2500ML MEMSIC-MXA2500ML Datasheet
560Kb / 7P
   Improved, Ultra Low Noise ??.7 g Dual Axis Accelerometer with Absolute Outputs
v1.0
More results

Similar Description - MXA2500M

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXD2020G MEMSIC-MXD2020G Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
logo
List of Unclassifed Man...
MXD2020G ETC1-MXD2020G Datasheet
144Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXA2500G MEMSIC-MXA2500G Datasheet
560Kb / 7P
   Improved, Ultra Low Noise ??.7 g Dual Axis Accelerometer with Absolute Outputs
v1.0
logo
List of Unclassifed Man...
MXR2312G ETC1-MXR2312G Datasheet
821Kb / 6P
   Improved, Ultra Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Outputs
MXD2020ML ETC-MXD2020ML Datasheet
289Kb / 7P
   Improved, Ultra Low Noise Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
logo
List of Unclassifed Man...
MXA2500J ETC1-MXA2500J Datasheet
255Kb / 8P
   Ultra Low Cost, 짹1.0 g Dual Axis Accelerometer with Absolute Outputs
MXA6500G ETC1-MXA6500G Datasheet
84Kb / 6P
   Low Cost, Low Noise 짹1 g Dual Axis Accelerometer with Absolute Analog Outputs
logo
MEMSIC Semiconductor (T...
MXR2999G MEMSIC-MXR2999G Datasheet
179Kb / 6P
   Improved 짹1 g Dual Axis Accelerometer with Ratiometric Outputs
Rev.G
MXD2020U MEMSIC-MXD2020U Datasheet
183Kb / 8P
   Ultra Low Noise, 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev.G
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com