Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY23V16202F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HY23V16202F
Description  1MX16/2MX8 BIT CMOS MASK ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HY23V16202F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HY23V16202F Datasheet HTML 1Page - List of Unclassifed Manufacturers HY23V16202F Datasheet HTML 2Page - List of Unclassifed Manufacturers HY23V16202F Datasheet HTML 3Page - List of Unclassifed Manufacturers HY23V16202F Datasheet HTML 4Page - List of Unclassifed Manufacturers HY23V16202F Datasheet HTML 5Page - List of Unclassifed Manufacturers HY23V16202F Datasheet HTML 6Page - List of Unclassifed Manufacturers HY23V16202F Datasheet HTML 7Page - List of Unclassifed Manufacturers HY23V16202F Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HY23V16202
1MX16/2MX8 BIT
CMOS MASK ROM
Rev0 Page 3 of 8
Absolute Maximum Ratings
Recommended DC Operating Conditions(VCC=3.3·0.3V, TA=0~70
)
DC Electrical Characteristics(VCC=3.3·0.3V, TA=0~70
)
Symbol
Parameter
Rating
Unit
TA
Ambient Operating Temperature
-10 ~ 80
TSTG
Storage Temperature
-55 ~ 150
VCC
Supply Voltage to Ground Potential
-0.3 ~ 4.5
VOUT
Output Voltage
-0.3~Vcc+0.3
VIN
Input Voltage
-0.3~Vcc+0.3
V
V
V
Stress above those listed under “absolute maximum ratings” may cause permanent damage to the
device. These are stress ratings only. Functional operation of this device at these or any other
conditions above those indicated in the operational sections of this specification is not implied and
exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Symbol
Parameter
Min
Unit
Vcc
Supply Voltage
V
Vss
Supply Voltage
VIH
Input High Voltage
VIL
Input Low Voltage
V
Typ
Max
3.0
3.3
3.6
0
0
0
2.2
Vcc+0.3
-0.3
0.8
Symbol
Parameter
Min
Unit
VOH
Output High Voltage
V
VOL
Output Low Voltage
IIL
Input Leakage Current
IOL
Output Leakage Current
Typ
Max
2.4
0.4
ICC
Operating Supply Current
(tRC=100ns)
ISB1
Standby Current(TTL)
ISB2
Standby Current(CMOS)
35
Condition
V
V
IOH=-0.4mA
IOL=2.1mA
VIN=0V to VCC
VOUT=0V to VCC
CEB=OEB=VIL
All Output Open
CEB=VIH, all Output Open
CEB=VCC, all Output Open
V
10
10
uA
uA
mA
500
50
uA
uA
C
O
C
O
C
O
C
O


Similar Part No. - HY23V16202F

ManufacturerPart #DatasheetDescription
logo
HYCON Technology Corpor...
HY2333 HYCON-HY2333 Datasheet
375Kb / 9P
   16mA Low-Power Low-Dropout Regulator
More results

Similar Description - HY23V16202F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC23C16200B ETC-AC23C16200B Datasheet
80Kb / 8P
   1MX16/2MX8 BIT CMOS MASK ROM
logo
Sanyo Semicon Device
LC3101 SANYO-LC3101 Datasheet
289Kb / 14P
   128K-BIT CMOS MASK ROM
logo
List of Unclassifed Man...
AC23V8000 ETC-AC23V8000 Datasheet
44Kb / 6P
   1MX8 BIT CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C040 HOLTEK-HT23C040 Datasheet
140Kb / 10P
   CMOS 512Kx8-Bit Mask ROM
HT23C512 HOLTEK-HT23C512_1 Datasheet
121Kb / 12P
   CMOS 64Kx8-Bit Mask ROM
logo
Fujitsu Component Limit...
MBM29DL161BE FUJITSU-MBM29DL161BE Datasheet
1Mb / 75P
   16M (2MX8/1MX16) BIT Dual Operation
logo
Holtek Semiconductor In...
HT23C256 HOLTEK-HT23C256 Datasheet
242Kb / 8P
   CMOS 32Kx 8-Bit Mask ROM
HT23C512 HOLTEK-HT23C512 Datasheet
239Kb / 8P
   CMOS 64Kx 8-Bit Mask ROM
logo
List of Unclassifed Man...
SIS23C128A ETC1-SIS23C128A Datasheet
91Kb / 1P
   CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C128 HOLTEK-HT23C128 Datasheet
248Kb / 8P
   CMOS 16Kx 8-Bit Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com