Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1440-06CS Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # CM1440-06CS
Description  6 Channel EMI Filter Array with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

CM1440-06CS Datasheet(HTML) 1 Page - Allegro MicroSystems

  CM1440-06CS Datasheet HTML 1Page - Allegro MicroSystems CM1440-06CS Datasheet HTML 2Page - Allegro MicroSystems CM1440-06CS Datasheet HTML 3Page - Allegro MicroSystems CM1440-06CS Datasheet HTML 4Page - Allegro MicroSystems CM1440-06CS Datasheet HTML 5Page - Allegro MicroSystems CM1440-06CS Datasheet HTML 6Page - Allegro MicroSystems CM1440-06CS Datasheet HTML 7Page - Allegro MicroSystems CM1440-06CS Datasheet HTML 8Page - Allegro MicroSystems CM1440-06CS Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
11/08/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
1
CM1440
6 Channel EMI Filter Array with ESD Protection
Features
Six channels of EMI filtering for data ports
Pi-style EMI filters in a capacitor-resistor-capacitor
(C-R-C) network
±30kV ESD protection on each channel
(IEC 61000-4-2 Level 4, contact discharge)
±30kV ESD protection on each channel (HBM)
Greater than 35dB attenuation (typical) at 1 GHz
15-bump, 0.4mm pitch, 2.360mm x 1.053mm foot-
print Chip Scale Package (CSP)
Chip Scale Package features extremely low
lead inductance for optimum filter and ESD
performance
OptiGuard
coated for improved reliability at
assembly
Lead-free version available
Applications
LCD and Camera data lines in mobile handsets
I/O port protection for mobile handsets, notebook
computers, PDAs etc.
EMI filtering for data ports in cell phones, PDAs or
notebook computers.
Wireless handsets
Handheld PCs/PDAs
LCD and camera modules
Product Description
The CM1440 is a six channel low-pass EMI filter array
with ESD protection that reduces EMI/RFI emissions
while providing robust protection from ESD strikes.
Each EMI filter channel integrates a high quality pi-
style filter (30pF-100
Ω-30pF) which provides greater
than 30dB of attenuation in the 800MHz to 2.7GHz fre-
quency range. The parts include avalanche-type ESD
diodes on every pin, which provide a very high level of
protection for sensitive electronic components that may
be subjected to electrostatic discharge (ESD). The
ESD protection diodes connected to the filter ports
safely dissipate ESD strikes of
±30kV, beyond the
maximum requirement of the IEC61000-4-2 interna-
tional standard. Using the MIL-STD-883 (Method 3015)
specification for Human Body Model (HBM) ESD, the
pins are protected for contact discharges at greater
than
±30kV.
This device is particularly well-suited for portable elec-
tronics (e.g. wireless handsets, PDAs, notebook com-
puters) because of its small package and easy-to-use
pin assignments. In particular, the CM1440 is ideal for
EMI filtering and protecting data and control lines for
the I/O data ports, LCD display and camera interface in
mobile handsets.
The CM1440 incorporates OptiGuard
which results
in improved reliability at assembly. The CM1440 is
available in a space saving, low profile Chip Scale
Package with optional lead-free finishing. It is manu-
factured with a 0.40mm pitch and 0.25mm CSP solder
ball to provide up to 28% board space savings versus
competing CSP devices with 0.50mm pitch and
0.30mm CSP solder ball.
Electrical Schematic
100
Ω
30pF
30pF
FILTERn*
GND
FILTERn*
(Pins B1-B3)
1 of 6 EMI/RFI + ESD Channels
* See Package/Pinout Diagram
for expanded pin information.
(Pins A1-A6)
(Pins C1-C6)


Similar Part No. - CM1440-06CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1440-06CP ONSEMI-CM1440-06CP Datasheet
429Kb / 12P
   6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
More results

Similar Description - CM1440-06CS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1400-03 CALMIRCO-CM1400-03 Datasheet
623Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
   6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400-03 ONSEMI-CM1400-03 Datasheet
748Kb / 14P
   6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CSPEMI306A ONSEMI-CSPEMI306A Datasheet
435Kb / 13P
   6-Channel EMI Filter Array with ESD Protection
May 2010 Rev. 2
NUF6106FCT1 ONSEMI-NUF6106FCT1 Datasheet
52Kb / 4P
   6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
CM1453-06CP ONSEMI-CM1453-06CP Datasheet
283Kb / 10P
   Praetorian짰 6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
NUF6105FCT1 ONSEMI-NUF6105FCT1_05 Datasheet
98Kb / 6P
   6 Channel EMI Pi-Filter Array with ESD Protection
August, 2005 ??Rev. 3
NUF6106FCT1 ONSEMI-NUF6106FCT1_04 Datasheet
55Kb / 4P
   6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com