Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY23V16202M Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HY23V16202M
Description  1MX16/2MX8 BIT CMOS MASK ROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HY23V16202M Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  HY23V16202M Datasheet HTML 1Page - List of Unclassifed Manufacturers HY23V16202M Datasheet HTML 2Page - List of Unclassifed Manufacturers HY23V16202M Datasheet HTML 3Page - List of Unclassifed Manufacturers HY23V16202M Datasheet HTML 4Page - List of Unclassifed Manufacturers HY23V16202M Datasheet HTML 5Page - List of Unclassifed Manufacturers HY23V16202M Datasheet HTML 6Page - List of Unclassifed Manufacturers HY23V16202M Datasheet HTML 7Page - List of Unclassifed Manufacturers HY23V16202M Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
HY23V16202
1MX16/2MX8 BIT
CMOS MASK ROM
Unit : mm
Rev0 Page 8 of 8
0.500
0 ~ 8
0.170 MIN
0.270 MAX
11.910 MIN
0.100 MIN
48TSOP-I
O
12.120 MAX
0.200 MAX
BSC


Similar Part No. - HY23V16202M

ManufacturerPart #DatasheetDescription
logo
HYCON Technology Corpor...
HY2333 HYCON-HY2333 Datasheet
375Kb / 9P
   16mA Low-Power Low-Dropout Regulator
More results

Similar Description - HY23V16202M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC23C16200B ETC-AC23C16200B Datasheet
80Kb / 8P
   1MX16/2MX8 BIT CMOS MASK ROM
logo
Sanyo Semicon Device
LC3101 SANYO-LC3101 Datasheet
289Kb / 14P
   128K-BIT CMOS MASK ROM
logo
List of Unclassifed Man...
AC23V8000 ETC-AC23V8000 Datasheet
44Kb / 6P
   1MX8 BIT CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C040 HOLTEK-HT23C040 Datasheet
140Kb / 10P
   CMOS 512Kx8-Bit Mask ROM
HT23C512 HOLTEK-HT23C512_1 Datasheet
121Kb / 12P
   CMOS 64Kx8-Bit Mask ROM
logo
Fujitsu Component Limit...
MBM29DL161BE FUJITSU-MBM29DL161BE Datasheet
1Mb / 75P
   16M (2MX8/1MX16) BIT Dual Operation
logo
Holtek Semiconductor In...
HT23C256 HOLTEK-HT23C256 Datasheet
242Kb / 8P
   CMOS 32Kx 8-Bit Mask ROM
HT23C512 HOLTEK-HT23C512 Datasheet
239Kb / 8P
   CMOS 64Kx 8-Bit Mask ROM
logo
List of Unclassifed Man...
SIS23C128A ETC1-SIS23C128A Datasheet
91Kb / 1P
   CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C128 HOLTEK-HT23C128 Datasheet
248Kb / 8P
   CMOS 16Kx 8-Bit Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com