Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1431-04DE Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM1431-04DE
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1431-04DE Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM1431-04DE Datasheet HTML 1Page - California Micro Devices Corp CM1431-04DE Datasheet HTML 2Page - California Micro Devices Corp CM1431-04DE Datasheet HTML 3Page - California Micro Devices Corp CM1431-04DE Datasheet HTML 4Page - California Micro Devices Corp CM1431-04DE Datasheet HTML 5Page - California Micro Devices Corp CM1431-04DE Datasheet HTML 6Page - California Micro Devices Corp CM1431-04DE Datasheet HTML 7Page - California Micro Devices Corp CM1431-04DE Datasheet HTML 8Page - California Micro Devices Corp CM1431-04DE Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com 02/06/06
CM1431
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
PIN DESCRIPTIONS
DEVICE PIN(s)
NAME
DESCRIPTION
DEVICE PIN(s)
NAME
DESCRIPTION
-04
-06
-08
-04
-06
-08
1
1
1
FILTER1 Filter + ESD Channel 1
8
12
16
FILTER1 Filter + ESD Channel 1
2
2
2
FILTER2 Filter + ESD Channel 2
7
11
15
FILTER2 Filter + ESD Channel 2
3
3
3
FILTER3 Filter + ESD Channel 3
6
10
14
FILTER3 Filter + ESD Channel 3
4
4
4
FILTER4 Filter + ESD Channel 4
5
9
13
FILTER4 Filter + ESD Channel 4
5
5
FILTER5 Filter + ESD Channel 5
8
12
FILTER5 Filter + ESD Channel 5
6
6
FILTER6 Filter + ESD Channel 6
7
11
FILTER6 Filter + ESD Channel 6
7
FILTER7 Filter + ESD Channel 7
10
FILTER7 Filter + ESD Channel 7
8
FILTER8 Filter + ESD Channel 8
9
FILTER8 Filter + ESD Channel 8
GND PAD
GND
Device Ground
PACKAGE / PINOUT DIAGRAMS
Notes:
BOTTOM VIEW
CM1431-06DF/DE
12 Lead TDFN Package
(Pins Up View)
TOP VIEW
(Pins Down View)
1) These drawings are not to scale.
CM1431-08DF/DE
16 Lead TDFN Package
CM1431-04DF/DE
8 Lead TDFN Package
GND
PAD
XXXX
GND
4
3
2
1
4
3
2
1
8
9
10
11
PAD
9
10
11
12
8
5
5
12
6
7
7
6
4
3
2
15 6 7 8
XXXXX
GND
4
3
2
1
12
13
14
15
PAD
13
14
15
16
12
5
16
11
11
67
10 9
8
10 9
4
3
2
1
5
6
7
8
BOTTOM VIEW
(Pins Up View)
TOP VIEW
(Pins Down View)
BOTTOM VIEW
(Pins Up View)
TOP VIEW
(Pins Down View)
Pin 1
XX
4
3
2
1
5
6
7
8
Marking
Pin 1
Marking
Pin 1
Marking
PART NUMBERING INFORMATION
Pins
Package
Standard Finish
Lead-free Finish
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
8
TDFN-8
CM1431-04DF
WF
CM1431-04DE
WE
12
TDFN-12
CM1431-06DF
N31F
CM1431-06DE
N31E
16
TDFN-16
CM1431-08DF
N318F
CM1431-08DE
N318E


Similar Part No. - CM1431-04DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1431-04DE ONSEMI-CM1431-04DE Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1431-04DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com