Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ3075 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZ3075
Description  Silicon planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ3075 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZ3075 Datasheet HTML 1Page - Panasonic Semiconductor MAZ3075 Datasheet HTML 2Page - Panasonic Semiconductor MAZ3075 Datasheet HTML 3Page - Panasonic Semiconductor MAZ3075 Datasheet HTML 4Page - Panasonic Semiconductor MAZ3075 Datasheet HTML 5Page - Panasonic Semiconductor MAZ3075 Datasheet HTML 6Page - Panasonic Semiconductor MAZ3075 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
394
Zener Diodes
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
0.8
0.9
V
Zener voltage*
2
VZ
IZ ·················· Specified value
V
Operating resistance
RZK
IZ ·················· Specified value
RZ
IZ ·················· Specified value
Reverse current
IR1
VR ··············· Specified value
µA
IR2
VR ··············· Specified value
µA
Temperature coefficient of zener voltage*
3
SZ
IZ ·················· Specified value
mV/
°C
Terminal capacitance
Ct
VR ··············· Specified value
pF
MAZ3000 Series (MA3000 Series)
Silicon planar type
For stabilization of power supply
I Features
• Mini type package (3-pin)
• Allowing to achieve a high-density set
• Sharp rising performance
• Wide voltage range: V
Z = 2.0 V to 36 V
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Average forward current
IF(AV)
100
mA
Instanious forward current
IFRM
200
mA
Total power dissipation*
1
Ptot
200
mW
Non-repetitive reverse surge
PZSM
15
W
power dissipation*
2
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
JEDEC : TO-236
EIAJ : SC-59
Mini3-G1 Package
Note) *1 : With a printed-circuit board
*2 : t = 100
µs, T
j = 150
°C
Marking Symbol
Refer to the list of the electrical
characteristics within part numbers
(Example) MAZ3020:
2.0
MAZ3082-H: 8.2H
Note) L/M/H marked products will be sup-
plied unless other wise specified
Internal Connection
I Common Electrical Characteristics T
a = 25°C
*1
Note) 1
.Rated input/output frequency: 5 MHz
2
.*1 : The VZ value is for the temperature of 25°C. In other cases, carry out the temperature compensation.
*2 : Guaranteed at 20 ms after power application.
*3 : Tj = 25°C to 150°C
Refer to the list of the
electrical characteristics
within part numbers
1 : Anode
2 : NC
2 : Cathode
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10
°
1
2
3
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - MAZ3075

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ3075 PANASONIC-MAZ3075 Datasheet
103Kb / 7P
   Silicon planar type
MAZ3075 PANASONIC-MAZ3075 Datasheet
108Kb / 7P
   Zener Diodes Silicon planar type
MAZ30750H PANASONIC-MAZ30750H Datasheet
103Kb / 7P
   Silicon planar type
MAZ30750H PANASONIC-MAZ30750H Datasheet
108Kb / 7P
   Zener Diodes Silicon planar type
MAZ30750L PANASONIC-MAZ30750L Datasheet
103Kb / 7P
   Silicon planar type
More results

Similar Description - MAZ3075

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com