Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1436-04DF Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1436-04DF
Description  4 and 8 Channel EMI Filter Arrays with ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1436-04DF Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1436-04DF Datasheet HTML 1Page - California Micro Devices Corp CM1436-04DF Datasheet HTML 2Page - California Micro Devices Corp CM1436-04DF Datasheet HTML 3Page - California Micro Devices Corp CM1436-04DF Datasheet HTML 4Page - California Micro Devices Corp CM1436-04DF Datasheet HTML 5Page - California Micro Devices Corp CM1436-04DF Datasheet HTML 6Page - California Micro Devices Corp CM1436-04DF Datasheet HTML 7Page - California Micro Devices Corp CM1436-04DF Datasheet HTML 8Page - California Micro Devices Corp CM1436-04DF Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
02/06/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
3
CM1436
Specifications
Note 1: TA=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: These parameters are guaranteed by design and characterization.
Note 4: Attenuation / RF curves characterized by a network analyzer using microprobes.
Note 5: These parameters are NOT guaranteed by design, characterization and production.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
DC Power per Resistor
100
mW
Package DC Power Rating
300
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R
Resistance
160
200
240
Ω
C
Capacitance
At 2.5V DC, 1MHz, 30mV AC
12
15
18
pF
VDIODE
Diode Standoff Voltage
IDIODE = 10μA6.0
V
ILEAK
Diode Leakage Current (reverse
bias)
VDIODE = 3.3V
0.1
1
μA
VSIG
Signal Voltage
Positive Clamp
Negative Clamp
ILOAD = 10mA
ILOAD = -10mA
5.6
-0.4
6.8
-0.8
9.0
-1.5
V
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-
883, Method 3015
b) Contact Discharge per IEC
61000-4-2 Level 4
Notes 2 and 3
±30
±15
kV
kV
fC
Cut-off Frequency
ZSOURCE=50Ω, ZLOAD=50Ω
R = 200
Ω, C = 15pF;
Note 3
100
MHz
A1GHz
Absolute Attenuation @ 1GHz from
0dB Level
ZSOURCE = 50Ω, Z LOAD = 50Ω,
DC Bias = 0V; Notes 1, 4 and 5
35
dB
A800MHz -
6GHz
Absolute Attenuation @ 800MHz to
6GHz from 0dB Level
ZSOURCE = 50Ω, Z LOAD = 50Ω,
DC Bias = 0V; Notes 1, 4 and 5
30
dB


Similar Part No. - CM1436-04DF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1436-04DF ONSEMI-CM1436-04DF Datasheet
768Kb / 16P
   4- and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev. 2
More results

Similar Description - CM1436-04DF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1406 ONSEMI-CM1406 Datasheet
1Mb / 14P
   4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
CM1436 ONSEMI-CM1436 Datasheet
768Kb / 16P
   4- and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CM1407 CALMIRCO-CM1407 Datasheet
1,018Kb / 12P
   4 and 8 Channel EMI Filter Arrays with ESD Protection
logo
ON Semiconductor
CM1407 ONSEMI-CM1407 Datasheet
1Mb / 14P
   4 and 8-Channel EMI Filter Arrays with ESD Protection
April 2010 Rev.2
CM1636 ONSEMI-CM1636 Datasheet
880Kb / 22P
   4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
May 2010 ??Rev. 2
CM1436-04DE ONSEMI-CM1436-04DE Datasheet
244Kb / 10P
   4-Channel EMI Filter Arrays with ESD Protection
June 2010 Rev. 2
CM1692-04DE ONSEMI-CM1692-04DE Datasheet
14Kb / 1P
   Praetorian짰 L-C 4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
11/24/2010
CM1692-08DE ONSEMI-CM1692-08DE Datasheet
14Kb / 1P
   CM1692: Praetorian짰 L-C 4-, 6- and 8-Channel EMI Filter Arrays with ESD Protection
11/24/2010
logo
Vishay Siliconix
VEMI85AA-HGK VISHAY-VEMI85AA-HGK_V01 Datasheet
122Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
01-Jan-2022
VEMI85AC-HGK VISHAY-VEMI85AC-HGK_V01 Datasheet
122Kb / 6P
   8-Channel EMI-Filter with ESD-Protection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com