Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1418 Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CM1418
Description  Praetorian??L-C EMI Filter with ESD Protection for Headset Speaker Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1418 Datasheet(HTML) 8 Page - California Micro Devices Corp

  CM1418 Datasheet HTML 1Page - California Micro Devices Corp CM1418 Datasheet HTML 2Page - California Micro Devices Corp CM1418 Datasheet HTML 3Page - California Micro Devices Corp CM1418 Datasheet HTML 4Page - California Micro Devices Corp CM1418 Datasheet HTML 5Page - California Micro Devices Corp CM1418 Datasheet HTML 6Page - California Micro Devices Corp CM1418 Datasheet HTML 7Page - California Micro Devices Corp CM1418 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
8
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com 12/13/05
CM1418
PRELIMINARY
Mechanical Details (cont’d)
CSP Tape and Reel Specifications
Figure 7. Tape and Reel Mechanical DataTape and Reel Mechanical Data
PART NUMBER
CHIP SIZE (mm)
POCKET SIZE (mm)
B0 X A0 X K0
TAPE WIDTH
W
REEL
DIA.
QTY
PER
REEL
P0
P1
CM1418-02CS/CP
1.72 X 1.22 X 0.67
2.08 x 1.45 x 0.71
8mm
178mm (7")
3500
4mm
4mm
CM1418-02CS/CP
1.72 X 1.22 X 0.61
2.08 x 1.45 x 0.71
8mm
178mm (7")
3500
4mm
4mm
Top
For tape feeder reference
Cover
Tape
P1
only including draft.
Concentric around B.
Ko
Embossment
User Direction of Feed
±0.2 mm
Po
Center Lines
of Cavity
W
10 Pitches Cumulative
Tolerance On Tape
Ao
Bo


Similar Part No. - CM1418

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1418 ONSEMI-CM1418 Datasheet
179Kb / 10P
   Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
April 2010 Rev. 3
CM1418-02CP ONSEMI-CM1418-02CP Datasheet
179Kb / 10P
   Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
April 2010 Rev. 3
More results

Similar Description - CM1418

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1418 ONSEMI-CM1418 Datasheet
179Kb / 10P
   Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
April 2010 Rev. 3
CM1419-02CP ONSEMI-CM1419-02CP Datasheet
291Kb / 6P
   Praetorian L-C EMI Filter with ESD Protection for Headset Speakers
March, 2011 ??Rev. 4
CM1416 ONSEMI-CM1416 Datasheet
168Kb / 9P
   Headset/Speaker EMI Filter with ESD Protection
April 2010 Rev. 2
logo
California Micro Device...
CSPEMI201A CALMIRCO-CSPEMI201A Datasheet
607Kb / 6P
   2 Channel Headset Speaker EMI Filter with ESD Protection
CM1411 CALMIRCO-CM1411 Datasheet
373Kb / 6P
   2 Channel Headset/Speaker EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI201AG ONSEMI-CSPEMI201AG Datasheet
208Kb / 9P
   2 Channel Headset Speaker EMI Filter with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1460 CALMIRCO-CM1460 Datasheet
347Kb / 7P
   Praetorian??L-C LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1690 ONSEMI-CM1690 Datasheet
262Kb / 10P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM2006 ONSEMI-CM2006 Datasheet
186Kb / 9P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
CM1492-06DE ONSEMI-CM1492-06DE Datasheet
155Kb / 6P
   Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com