Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1293-02SO Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM1293-02SO
Description  2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1293-02SO Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM1293-02SO Datasheet HTML 1Page - California Micro Devices Corp CM1293-02SO Datasheet HTML 2Page - California Micro Devices Corp CM1293-02SO Datasheet HTML 3Page - California Micro Devices Corp CM1293-02SO Datasheet HTML 4Page - California Micro Devices Corp CM1293-02SO Datasheet HTML 5Page - California Micro Devices Corp CM1293-02SO Datasheet HTML 6Page - California Micro Devices Corp CM1293-02SO Datasheet HTML 7Page - California Micro Devices Corp CM1293-02SO Datasheet HTML 8Page - California Micro Devices Corp CM1293-02SO Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com 01/26/06
CM1293
PACKAGE / PINOUT DIAGRAMS
Note: These drawings are not to scale.
6-Lead SOT23-6
1
2
6
5
3
4
Top View
CH1
VN
CH2
CH4
VP
CH3
5-Lead SOT23-5
1
2
5
3
4
Top View
NC
VN
CH1
VP
CH2
10-Lead MSOP-10
1
2
3
4
10
9
8
7
CH1
NC
VP
CH2
NC
CH4
VN
NC
Top View
56
NC
CH3
4-Lead SOT143-4
1
4
2
3
Top View
VN
CH1
VP
CH2
10-Lead MSOP-10
1
2
3
4
10
9
8
7
CH1
CH2
CH3
CH4
CH8
CH7
VP
CH6
Top View
56
VN
CH5
PIN DESCRIPTIONS
2-CHANNEL, 4-LEAD SOT143-4 PACKAGE
PIN
NAME
TYPE
PIN
1
VN
GND
1
2
CH1
I/O
2
3
CH2
I/O
3
4
VP
PWR
4
2-CHANNEL, 5-LEAD SOT23-5 PACKAGE
PIN
NAME
TYPE
DESCRIPTION
1
NC
No connect
2VN
GND
Negative voltage supply rail
3
CH1
I/O
ESD Channel
4
CH2
I/O
ESD Channel
5VP
PWR
Positive voltage supply rail
4-CHANNEL, 6-LEAD SOT23-6 PACKAGE
PIN
NAME
TYPE
DESCRIPTION
1
CH1
I/O
ESD Channel
2VN
GND
Negative voltage supply rail
3
CH2
I/O
ESD Channel
4
CH3
I/O
ESD Channel
5VP
PWR
Positive voltage supply rail
6
CH4
I/O
ESD Channel
5VP
PWR
Positive voltage supply rail
6
CH4
I/O
ESD Channel
4-CHANNEL, 10-LEAD MSOP-10 PACKAGE
PIN
NAME
TYPE
DESCRIPTION
1
CH1
I/O
ESD Channel
2
NC
No connect
3VP
PWR
Positive voltage supply rail
4
CH2
I/O
ESD Channel
5
NC
No connect
6
CH3
I/O
ESD Channel
7
NC
No connect
8VN
GND
Negative voltage supply rail
9
CH4
I/O
ESD Channel
10
NC
No connect
8-CHANNEL, 10-LEAD MSOP-10 PACKAGE
PIN
NAME
TYPE
DESCRIPTION
1
CH1
I/O
ESD Channel
2
CH2
I/O
ESD Channel
3
CH3
I/O
ESD Channel
4
CH4
I/O
ESD Channel
5VN
PWR
Positive voltage supply rail
6
CH5
I/O
ESD Channel
7
CH6
I/O
ESD Channel
8VN
GND
Negative voltage supply rail
9
CH7
I/O
ESD Channel
10
CH8
I/O
ESD Channel


Similar Part No. - CM1293-02SO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1293-08MR ONSEMI-CM1293-08MR Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
More results

Similar Description - CM1293-02SO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com