Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1402 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1402
Description  SIM Card EMI Filter Array with ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1402 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1402 Datasheet HTML 1Page - California Micro Devices Corp CM1402 Datasheet HTML 2Page - California Micro Devices Corp CM1402 Datasheet HTML 3Page - California Micro Devices Corp CM1402 Datasheet HTML 4Page - California Micro Devices Corp CM1402 Datasheet HTML 5Page - California Micro Devices Corp CM1402 Datasheet HTML 6Page - California Micro Devices Corp CM1402 Datasheet HTML 7Page - California Micro Devices Corp CM1402 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
11/02/05
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
3
CM1402
Specifications
Note 1: TA=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: Clamping voltage is measured at the opposite side of the EMI filter to the ESD pin. For example, if ESD is applied to Pin A1,
then clamping voltage is measured at Pin C1.
Note 4: Unused pins are left open
Note 5: The parameters are guaranteed by design.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
DC Power per Resistor
100
mW
DC Package Power Rating
300
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R1
Resistance of R1
80
100
120
Ω
R2
Resistance of R2
38
47
56
Ω
C
Capacitance
VIN = 2.5VDC, 1MHz,
30mV ac
16
20
24
pF
VSTANDOFF Stand-off Voltage
I = 10
μA6.0
V
ILEAK
Diode Leakage Current
VBIAS = 3.3V
0.1
1.0
μA
VSIG
Signal Voltage
Positive Clamp
Negative Clamp
ILOAD = 10mA
ILOAD = -10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883,
Method 3015
b) Contact Discharge per IEC
61000-4-2
Notes 2,4 and 5
±25
±10
kV
kV
VCL
Clamping Voltage during ESD Discharge
MIL-STD-883 (Method 3015), 8kV
Positive Transients
Negative Transients
Notes 2,3,4 and 5
+12
-7
V
V
fC1
Cut-off frequency
ZSOURCE = 50Ω, ZLOAD = 50Ω
R = 100
Ω, C = 20pF
77
MHz
fC2
Cut-off frequency
ZSOURCE = 50Ω, ZLOAD = 50Ω
R = 47
Ω, C = 20pF
85
MHz


Similar Part No. - CM1402

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1402 ONSEMI-CM1402 Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
CM1402 ONSEMI-CM1402 Datasheet
414Kb / 8P
   SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
CM1402-03CP ONSEMI-CM1402-03CP Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
CM1402 ONSEMI-CM1402_11 Datasheet
414Kb / 8P
   SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
More results

Similar Description - CM1402

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
   SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CSPEMI400 ONSEMI-CSPEMI400 Datasheet
1Mb / 11P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 2
CM1402 ONSEMI-CM1402 Datasheet
418Kb / 12P
   SIM Card EMI Filter Array with ESD Protection
May 2010 Rev. 3
CM1402 ONSEMI-CM1402_11 Datasheet
414Kb / 8P
   SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
CM6320 ONSEMI-CM6320 Datasheet
122Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
April, 2011 ??Rev. 3
CM1623 ONSEMI-CM1623 Datasheet
312Kb / 9P
   EMI Filter with ESD Protection for SIM Card Applications
May 2010 ??Rev. 2
CM6305 ONSEMI-CM6305 Datasheet
209Kb / 4P
   EMI Filter with ESD Protection for SIM Card Applications
August, 2011 ??Rev. 2
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
   EMI FILTER ARRAY WITH ESD PROTECTION
logo
Nexperia B.V. All right...
IP4264CZ8-10-TTL NEXPERIA-IP4264CZ8-10-TTL Datasheet
457Kb / 16P
   Integrated (U)SIM card passive filter array with ESD protection
logo
California Micro Device...
CM1424 CALMIRCO-CM1424 Datasheet
658Kb / 8P
   MultiMedia Card EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com