Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS80-48Y Datasheet(PDF) 3 Page - Total Power International

Part # TPS80-48Y
Description  TPS80 SWITCHING MODE 80W U BRACKET POWER SIPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS80-48Y Datasheet(HTML) 3 Page - Total Power International

  TPS80-48Y Datasheet HTML 1Page - Total Power International TPS80-48Y Datasheet HTML 2Page - Total Power International TPS80-48Y Datasheet HTML 3Page - Total Power International TPS80-48Y Datasheet HTML 4Page - Total Power International TPS80-48Y Datasheet HTML 5Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TPS80
SWITCHING MODE 80W U CHANNEL POWER SUPPLIES
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
TRIPLE OUTPUT MODEL SELECTION CHART
+15V
±
10% Typical
2A
2.5A
0.2A
±
5%
±
1%
-15V
Fixed
2A
2.5A
0.2A
±
10%
±
1%
TPS80-38
+5V
Fixed
4A
5A
0.4A
±
10%
±
1%
100W Typical
+12V
±
10% Typical
1.5A
1.8A
0.15A
±
5%
±
1%
-12V
Fixed
1.5A
1.8A
0.15A
±
5%
±
1%
TPS80-39
+28V
Fixed
1.6A
2A
0.16A
±
10%
±
1%
100W Typical
QUAD OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
8A
10A
0.8A
±
5%
±
1%
+12V
Fixed
2.6A
3.3A
0.26A
±
5%
±
1%
- 12V
Fixed
0.5A
0.6A
0.05A
±
10%
±
1%
TPS80-40
-5 V
Fixed
0.5A
0.6A
0.05A
±
10%
±
1%
100W Typical
+ 5V
±
10% Typical
8A
10A
0.8A
±
5%
±
1%
+12V
Fixed
2.2A
2.8A
0.22A
±
5%
±
1%
- 5 V
Fixed
0.8A
1A
0.08A
±
10%
±
1%
TPS80-41
- 12V
Fixed
0.8A
1A
0.08A
±
10%
±
1%
100W Typical
+ 5V
±
10% Typical
8A
10A
0.8A
±
5%
±
1%
+12V
Fixed
1.3A
1.6A
0.13A
±
5%
±
1%
-15V
Fixed
0.8A
1A
0.08A
±
10%
±
1%
TPS80-42
+15V
Fixed
0.8A
1A
0.08A
±
10%
±
1%
100W Typical
+ 5V
±
10% Typical
4.5A
5.6A
0.45A
±
5%
±
1%
+12V
Fixed
2A
2.5A
0.2A
±
5%
±
1%
- 12V
Fixed
0.8A
1A
0.08A
±
10%
±
1%
TPS80-43
+15V
Fixed
1.6A
2A
0.16A
±
10%
±
1%
100W Typical
+ 5V
±
10% Typical
4.5A
5.6A
0.45A
±
5%
±
1%
+12V
Fixed
0.8A
1A
0.08A
±
5%
±
1%
- 12V
Fixed
0.8A
1A
0.08A
±
10%
±
1%
TPS80-44
+48V
Fixed
0.8A
1A
0.08A
±
10%
±
1%
100W Typical
+ 5V
±
10% Typical
8A
10.4A
0.8A
±
5%
±
1%
+12V
Fixed
0.8A
1.04A
0.08A
±
5%
±
1%
- 12V
Fixed
0.8A
1.04A
0.08A
±
10%
±
1%
TPS80-45Y
+24V
Fixed
0.8A
1.04A
0.08A
±
10%
±
1%
100W Typical
+5V
±
10% Typical
8A
10.4A
0.8A
±
5%
±
1%
+15V
Fixed
0.8A
1.04A
0.08A
±
5%
±
1%
-15V
Fixed
0.8A
1.04A
0.08A
±
10%
±
1%
TPS80-46Y
+48V
Fixed
0.8A
1.04A
0.08A
±
10%
±
1%
100W Typical
+5V
±
10% Typical
4A
5.2A
0.4A
±
5%
±
1%
+12V
Fixed
1.4A
1.8A
0.14A
±
5%
±
1%
-12V
Fixed
1.4A
1.8A
0.14A
±
10%
±
1%
TPS80-47Y
+36V
Fixed
0.8A
1.04A
0.08A
±
10%
±
1%
100W Typical
+5V
±
10% Typical
8A
10.4A
0.8A
±
5%
±
1%
+15V
Fixed
0.8A
1.04A
0.08A
±
5%
±
1%
-15V
Fixed
0.8A
1.04A
0.08A
±
10%
±
1%
TPS80-48Y
+24V
Fixed
0.8A
1.04A
0.08A
±
10%
±
1%
100W Typical
+3.3V
±
10% Typical
7A
15A
0.7A
±
5%
±
1.5%
+5V
Fixed
5A
6.2A
0.5A
±
5%
±
1%
+12V
Fixed
2.5A
6.2A
0.25A
±
10%
±
1%
TPS80-49Y
-5V
Fixed
1A
3.7A
0.1A
±
10%
±
1%
100W Typical
TOTAL POWER, INT.
TEL: 877-646-0900
FAX: 978-453-7395
E-mail: sales@total-power.com http://www.total-power.com
-3-
TOTAL POWER


Similar Part No. - TPS80-48Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS80010 TI-TPS80010 Datasheet
5Mb / 22P
[Old version datasheet]   PMU for Alkaline Battery-Powered Applications
TPS80010ARSMR TI-TPS80010ARSMR Datasheet
5Mb / 22P
[Old version datasheet]   PMU for Alkaline Battery-Powered Applications
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
TPS80032A2ABYFFR TI1-TPS80032A2ABYFFR Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
TPS80032A2D7YFFR TI1-TPS80032A2D7YFFR Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
More results

Similar Description - TPS80-48Y

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSUU-80 TOTAL-POWER-TPSUU-80 Datasheet
258Kb / 2P
   80W U Bracket Type 80W U Bracket Type
TPSUU-81 TOTAL-POWER-TPSUU-81 Datasheet
261Kb / 2P
   80W U Bracket Type 80W U Bracket Type
logo
Astrodyne Corporation
SUU81 ASTRODYNE-SUU81 Datasheet
453Kb / 2P
   80W U-bracket Switching Power Supplies For I.T.E.
logo
Vitec Power
SIUA81-SERIES Vitec-SIUA81-SERIES Datasheet
453Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
STUA81 Vitec-STUA81 Datasheet
452Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
SIUA80-SERIES Vitec-SIUA80-SERIES Datasheet
455Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
SIUA81 Vitec-SIUA81 Datasheet
453Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
STUA80-SERIES Vitec-STUA80-SERIES Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
SIUA80 Vitec-SIUA80 Datasheet
455Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
STUA80 Vitec-STUA80 Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com