Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1400-03 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM1400-03
Description  6 Channel EMI Filter Array with ESD Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1400-03 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM1400-03 Datasheet HTML 1Page - California Micro Devices Corp CM1400-03 Datasheet HTML 2Page - California Micro Devices Corp CM1400-03 Datasheet HTML 3Page - California Micro Devices Corp CM1400-03 Datasheet HTML 4Page - California Micro Devices Corp CM1400-03 Datasheet HTML 5Page - California Micro Devices Corp CM1400-03 Datasheet HTML 6Page - California Micro Devices Corp CM1400-03 Datasheet HTML 7Page - California Micro Devices Corp CM1400-03 Datasheet HTML 8Page - California Micro Devices Corp CM1400-03 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
10/04/05
CM1400-03
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Note 2: Lead-free devices are specified by using a "+" character for the top side orientation mark.
PIN DESCRIPTIONS
PIN(s)
NAME
DESCRIPTION
A1
FILTER1
Filter Channel 1
A2
FILTER2
Filter Channel 2
A3
FILTER3
Filter Channel 3
A4
FILTER4
Filter Channel 4
A5
FILTER5
Filter Channel 5
A6
FILTER6
Filter Channel 6
B1-B3
GND
Device Ground
C1
FILTER1
Filter Channel 1
C2
FILTER2
Filter Channel 2
C3
FILTER3
Filter Channel 3
C4
FILTER4
Filter Channel 4
C5
FILTER5
Filter Channel 5
C6
FILTER6
Filter Channel 6
N003
4
3
26
5
1
C
B
A
Orientation
Marking
(see note 2)
PACKAGE / PINOUT DIAGRAMS
Notes:
BOTTOM VIEW
CM1400-03CS/CP
CSP Package
(Bumps Up View)
TOP VIEW
(Bumps Down View)
FILTER5
FILTER6
GND
FILTER5
FILTER6
A6
A5
Orientation
Marking
B3
C6
C5
FILTER3
FILTER4
GND
FILTER3
FILTER4
A4
A3
B2
C4
C3
FILTER1
FILTER2
GND
FILTER1
FILTER2
A2
A1
B1
C2
C1
A1
1) These drawings are not to scale.
2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
PART NUMBERING INFORMATION
Pins
Package
Standard Finish
Lead-free Finish2
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
15
CSP
CM1400-03CS
N003
CM1400-03CP
N003


Similar Part No. - CM1400-03

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1400-03 ONSEMI-CM1400-03 Datasheet
748Kb / 14P
   6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1400-03 ONSEMI-CM1400-03 Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1400-03CP ONSEMI-CM1400-03CP Datasheet
748Kb / 14P
   6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CM1400-03CP ONSEMI-CM1400-03CP Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
More results

Similar Description - CM1400-03

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
CM1440 ALLEGRO-CM1440 Datasheet
802Kb / 9P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400 ONSEMI-CM1400 Datasheet
742Kb / 10P
   6 Channel EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1440 ONSEMI-CM1440 Datasheet
429Kb / 12P
   6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CSPEMI306A CALMIRCO-CSPEMI306A Datasheet
2Mb / 10P
   6 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1400-03 ONSEMI-CM1400-03 Datasheet
748Kb / 14P
   6 Channel EMI Filter Array with ESD Protection
April 2010 Rev. 3
CSPEMI306A ONSEMI-CSPEMI306A Datasheet
435Kb / 13P
   6-Channel EMI Filter Array with ESD Protection
May 2010 Rev. 2
NUF6106FCT1 ONSEMI-NUF6106FCT1 Datasheet
52Kb / 4P
   6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
CM1453-06CP ONSEMI-CM1453-06CP Datasheet
283Kb / 10P
   Praetorian짰 6-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
NUF6105FCT1 ONSEMI-NUF6105FCT1_05 Datasheet
98Kb / 6P
   6 Channel EMI Pi-Filter Array with ESD Protection
August, 2005 ??Rev. 3
NUF6106FCT1 ONSEMI-NUF6106FCT1_04 Datasheet
55Kb / 4P
   6 Channel EMI Pi-Filter Array with ESD Protection
March, 2004 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com