Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1230-02 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM1230-02
Description  2, 4 and 8-Channel Low Capacitance ESD Protection Array
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1230-02 Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM1230-02 Datasheet HTML 1Page - California Micro Devices Corp CM1230-02 Datasheet HTML 2Page - California Micro Devices Corp CM1230-02 Datasheet HTML 3Page - California Micro Devices Corp CM1230-02 Datasheet HTML 4Page - California Micro Devices Corp CM1230-02 Datasheet HTML 5Page - California Micro Devices Corp CM1230-02 Datasheet HTML 6Page - California Micro Devices Corp CM1230-02 Datasheet HTML 7Page - California Micro Devices Corp CM1230-02 Datasheet HTML 8Page - California Micro Devices Corp CM1230-02 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
03/15/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
5
CM1230
PRELIMINARY
Performance Information
Input Channel Capacitance Performance Curves
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-50
-25
0
25
50
75
100
Temperature ['C]
0V DC Input Bias
1.65 DC Input Bias
Typical Variation of CIN vs. VIN
(f=1MHz, VP = 3.3V, VN = 0V, 0.1 μF chip capacitor between VP and VN, TA = 25°C)
Typical Variation of CIN vs. Temp
(f=1MHz, VIN=30mV, VP = 3.3V, VN = 0V,
0.1
μF chip capacitor between VP and VN)
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
1.600
1.800
2.000
0
0.5
1
1.5
2
2.5
3
Bias Voltage (V)


Similar Part No. - CM1230-02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1230-02CP ONSEMI-CM1230-02CP Datasheet
325Kb / 16P
   2, 4, and 8-Channel Low-Capacitance ESD Protection Array
May 2010 ??Rev. 2
CM1230-02CP ONSEMI-CM1230-02CP Datasheet
249Kb / 8P
   Low-Capacitance ESD Protection Array
January, 2012 ??Rev. 4
More results

Similar Description - CM1230-02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1230 ONSEMI-CM1230 Datasheet
325Kb / 16P
   2, 4, and 8-Channel Low-Capacitance ESD Protection Array
May 2010 ??Rev. 2
CM1213A ONSEMI-CM1213A_16 Datasheet
576Kb / 12P
   1, 2 and 4-Channel Low Capacitance ESD Protection Array
October, 2016 ??Rev. 11
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
Diodes Incorporated
DM1231-02SO DIODES-DM1231-02SO Datasheet
423Kb / 5P
   2-CHANNEL LOW CAPACITANCE ESD PROTECTION ARRAY
logo
ON Semiconductor
CM1293A-04SO ONSEMI-CM1293A-04SO_12 Datasheet
706Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
January, 2012 ??Rev. 0
CM1213A-04SO ONSEMI-CM1213A-04SO_14 Datasheet
424Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
July, 2014 ??Rev. 1
ESD1213A-04S7 ONSEMI-ESD1213A-04S7 Datasheet
473Kb / 6P
   4-Channel Low Capacitance ESD Protection Array
March, 2012 ??Rev. 0
logo
HY ELECTRONIC CORP.
HYESD1025QG HY-HYESD1025QG Datasheet
196Kb / 2P
   2 Channel Low Capacitance ESD Protection DIode Array
logo
Socay Electornics Co., ...
ESD06V36T-4LC SOCAY-ESD06V36T-4LC Datasheet
727Kb / 4P
   4-Channel Low Capacitance ESD Protection Diodes Array
logo
HY ELECTRONIC CORP.
HYESD0524P HY-HYESD0524P Datasheet
254Kb / 4P
   4 Channel Low Capacitance ESD Protection Diode Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com