Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1215-02SS Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM1215-02SS
Description  1-, 2- and 4-Channel Low Capacitance ESD Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1215-02SS Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CM1215-02SS Datasheet HTML 2Page - California Micro Devices Corp CM1215-02SS Datasheet HTML 3Page - California Micro Devices Corp CM1215-02SS Datasheet HTML 4Page - California Micro Devices Corp CM1215-02SS Datasheet HTML 5Page - California Micro Devices Corp CM1215-02SS Datasheet HTML 6Page - California Micro Devices Corp CM1215-02SS Datasheet HTML 7Page - California Micro Devices Corp CM1215-02SS Datasheet HTML 8Page - California Micro Devices Corp CM1215-02SS Datasheet HTML 9Page - California Micro Devices Corp CM1215-02SS Datasheet HTML 10Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
06/30/05
CM1215
PRELIMINARY
APPLICATION INFORMATION
Design Considerations
In order to realize the maximum protection against
ESD pulses, care must be taken in the PCB layout to
minimize parasitic series inductances on the Supply/
Ground rails as well as the signal trace segment
between the signal input (typically a connector) and the
ESD protection device. Refer to Figure 1, which illus-
trates an example of a positive ESD pulse striking an
input channel. The parasitic series inductance back to
the power supply is represented by L1 and L2. The
voltage VCL on the line being protected is:
VCL = Fwd voltage drop of D1 + VSUPPLY +
L1 x d(IESD) / dt+ L2 x d(IESD) / dt
where IESD is the ESD current pulse, and VSUPPLY
is the positive supply voltage.
An ESD current pulse can rise from zero to its peak
value in a very short time. As an example, a level 4
contact discharge per the IEC61000-4-2 standard
results in a current pulse that rises from zero to 30
Amps in 1ns. Here d(IESD)/dt can be approximated by
d(ESD)/dt, or 30/(1x10-9). So just 10nH of series induc-
tance (L1 and L2 combined) will lead to a 300V incre-
ment in VCL!
Similarly for negative ESD pulses, parasitic series
inductance from the VN pin to the ground rail will lead
to drastically increased negative voltage on the line
being protected.
As a general rule, the ESD Protection Array should be
located as close as possible to the point of entry of
expected electrostatic discharges. The power supply
bypass capacitor mentioned above should be as close
to the VP pin of the Protection Array as possible, with
minimum PCB trace lengths to the power supply,
ground planes and between the signal input and the
ESD device to minimize stray series inductance.
Additional Information
See also California Micro Devices Application Note
AP-209, “Design Considerations for ESD Protection”,
in the Applications section at www.calmicro.com.
Figure 3. Application of Positive ESD Pulse between Input Channel and Ground


Similar Part No. - CM1215-02SS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1215-02SO ONSEMI-CM1215-02SO Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
CM1215-02SR ONSEMI-CM1215-02SR Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
More results

Similar Description - CM1215-02SS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
logo
California Micro Device...
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1215 ONSEMI-CM1215 Datasheet
351Kb / 9P
   4-Channel Low Capacitance ESD Arrays
July, 2011 ??Rev. 3
ESD7124 ONSEMI-ESD7124 Datasheet
103Kb / 5P
   4-Channel Low Capacitance ESD Arrays
August, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com