Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1213-02SS Datasheet(PDF) 4 Page - California Micro Devices Corp

Part # CM1213-02SS
Description  1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1213-02SS Datasheet(HTML) 4 Page - California Micro Devices Corp

  CM1213-02SS Datasheet HTML 1Page - California Micro Devices Corp CM1213-02SS Datasheet HTML 2Page - California Micro Devices Corp CM1213-02SS Datasheet HTML 3Page - California Micro Devices Corp CM1213-02SS Datasheet HTML 4Page - California Micro Devices Corp CM1213-02SS Datasheet HTML 5Page - California Micro Devices Corp CM1213-02SS Datasheet HTML 6Page - California Micro Devices Corp CM1213-02SS Datasheet HTML 7Page - California Micro Devices Corp CM1213-02SS Datasheet HTML 8Page - California Micro Devices Corp CM1213-02SS Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
4
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com 03/02/06
CM1213
Note 1: All parameters specified at TA = -40°C to +85°C unless otherwise noted.
Note 2: These parameters guaranteed by design and characterization.
Note 3: Human Body Model per MIL-STD-883, Method 3015, CDischarge = 100pF, RDischarge = 1.5KΩ, VP = 3.3V, VN grounded.
Note 4: Standard IEC 61000-4-2 with CDischarge = 150pF, RDischarge = 330Ω, VP = 3.3V, VN grounded.
Note 5: These measurements performed with no external capacitor on VP (VP floating).
ELECTRICAL OPERATING CHARACTERISTICS(SEE NOTE 1)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VP
Operating Supply Voltage (VP-VN)3.3
5.5
V
IP
Operating Supply Current
(VP-VN)=3.3V
8.0
μA
VF
Diode Forward Voltage
Top Diode
Bottom Diode
IF = 8mA; TA=25°C
0.60
0.60
0.80
0.80
0.95
0.95
V
V
ILEAK
Channel Leakage Current
TA=25°C; VP=5V, VN=0V
±0.1
±1.0
μA
CIN
Channel Input Capacitance
At 1 MHz, VP=3.3V, VN=0V, VIN=1.65V;
Note 2 applies
1.0
1.5
pF
ΔCIN
Channel Input Capacitance
Matching
At 1 MHz, VP=3.3V, VN=0V, VIN=1.65V;
Note 2 applies
0.02
pF
CMUTUAL Mutual Capacitance between sig-
nal pin and adjacent signal pin
At 1 MHz, VP=3.3V, VN=0V, VIN=1.65V;
Note 2 applies
0.11
pF
VESD
ESD Protection
Peak Discharge Voltage at any
channel input, in system
a) Contact discharge per
IEC 61000-4-2 standard
b) Human Body Model,
MIL-STD-883, Method
3015
Notes 2, 4 & 5; TA=25°C
Notes 2, 3 & 5; TA=25°C
±8
±15
kV
kV
VCL
Channel Clamp Voltage
Positive Transients
Negative Transients
TA=25°C, IPP = 1A, tP = 8/20uS;
Notes 2, & 5
+8.8
-1.4
V
V
RDYN
Dynamic Resistance
Positive Transients
Negative Transients
IPP = 1A, tP = 8/20uS
Any I/O pin to Ground; Note 2 and 5
0.7
0.4
Ω
Ω


Similar Part No. - CM1213-02SS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1213-06MR ONSEMI-CM1213-06MR Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213-06MR ONSEMI-CM1213-06MR Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
CM1213-06SM ONSEMI-CM1213-06SM Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213-06SM ONSEMI-CM1213-06SM Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
CM1213-08MR ONSEMI-CM1213-08MR Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
More results

Similar Description - CM1213-02SS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1293 CALMIRCO-CM1293 Datasheet
394Kb / 10P
   2, 4, and 8-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213A ONSEMI-CM1213A_11 Datasheet
518Kb / 13P
   1, 2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2011 ??Rev. 7
CM1213A ONSEMI-CM1213A Datasheet
418Kb / 14P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 5
logo
California Micro Device...
CM1213A CALMIRCO-CM1213A Datasheet
610Kb / 11P
   1-, 2- and 4-Channel Low Capacitance ESD Protection Arrays
logo
ON Semiconductor
CM1213 ONSEMI-CM1213 Datasheet
1Mb / 17P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1213 ONSEMI-CM1213_13 Datasheet
384Kb / 9P
   6 and 8-Channel Low Capacitance ESD Protection Arrays
June, 2013 ??Rev. 5
CM1224 ONSEMI-CM1224 Datasheet
389Kb / 14P
   2- and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
CM1293A ONSEMI-CM1293A Datasheet
397Kb / 16P
   2-and 4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 4
CM1224 ONSEMI-CM1224_12 Datasheet
301Kb / 11P
   2 and 4-Channel Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 5
logo
California Micro Device...
CM1215 CALMIRCO-CM1215 Datasheet
338Kb / 10P
   1-, 2- and 4-Channel Low Capacitance ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com