Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

210R8000X Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # 210R8000X
Description  THIN FILM SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

210R8000X Datasheet(HTML) 1 Page - California Micro Devices Corp

  210R8000X Datasheet HTML 1Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2002 California Micro Devices Corp. All rights reserved.
3/02
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com

CALIFORNIA MICRO DEVICES
210R
THIN FILM RESISTOR SERIES
California Micro Devices’ 210R Series multi-terminal resistor chip offers the hybrid designer a component that provides a
wide range of resistance values on a single chip. Bonding pads segment the total resistance into five single elements of
resistance and seven 5X elements of resistance enabling the combination to cover the resistance range from 800 ohms to
240K ohms.
Formats
Die Size:
30±3 mils square
Bonding Pads:
4x4 mils typical
PAD 1
PAD 13
PAD 8
S
N
O
I
T
A
C
I
F
I
C
E
P
S
L
A
C
I
R
T
C
E
L
E
r
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
s
e
T
R
C
TC
°
5
2
1
+
o
t
C
°
5
5
-C
°/
m
p
p
0
5
2
-
o
t
0x
a
M
e
g
a
tl
o
V
g
n
it
a
r
e
p
OC
°
5
2
1
+
o
t
C
°
5
5
-c
d
V
0
0
1x
a
M
)
r
o
t
s
i
s
e
r
r
e
p
(
g
n
it
a
R
r
e
w
o
P0
5
1
@
o
r
e
z
o
t
y
lr
a
e
n
il
e
t
a
r
e
D
(
C
°
0
7
@C
°)
w
m
0
5
2x
a
M
k
c
o
h
S
l
a
m
r
e
h
TF
2
0
2
-
D
T
S
-
L
I
M
7
0
1
d
o
h
t
e
M@
%
5
2
.
0
±
∆Rx
a
M
e
r
u
s
o
p
x
E
e
r
u
t
a
r
e
p
m
e
T
h
g
i
H0
5
1
@
s
r
H
0
0
1t
n
e
i
b
m
A
C
°%
5
2
.
0
±
∆Rx
a
M
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
MF
2
0
2
-
D
T
S
-
L
I
M
6
0
1
d
o
h
t
e
M%
5
.
0
±
∆Rx
a
M
e
fi
L5
2
1
(
F
2
0
2
-
D
T
S
-
L
I
M
8
0
1
d
o
h
t
e
M)
r
h
0
0
0
1
/
C
°%
5
.
0
±
∆Rx
a
M
e
s
i
o
NF
2
0
2
-
D
T
S
-
L
I
M
8
0
3
d
o
h
t
e
MB
d
0
2
-x
a
M
e
c
n
a
t
s
i
s
e
R
n
o
it
a
l
u
s
n
I5
2
@C
°1 × 0
1 2
1
n
i
M
S
E
U
L
A
V
r
e
b
m
u
N
t
r
a
P
l
a
t
o
T
e
c
n
a
t
s
i
s
e
R
e
l
g
n
i
S
/l
a
n
i
m
o
N
e
c
n
a
t
s
i
s
e
R
f
o
t
n
e
m
e
l
E
X
0
0
0
8
R
0
1
20
0
8 Ω
0
2
X
0
0
4
2
R
0
1
20
0
4
2
0
6
X
1
0
0
8
R
0
1
20
0
0
8
0
0
2
X
2
0
0
8
R
0
1
20
0
0
0
8
0
0
0
2
X
2
0
6
1
R
0
1
20
0
0
0
6
1
0
0
0
4
X
3
0
4
2
R
0
1
2
0
0
0
0
4
2
0
0
0
6
S
N
O
I
T
A
C
I
F
I
C
E
P
S
L
A
C
I
N
A
H
C
E
M
e
t
a
r
t
s
b
u
Sk
c
i
h
t
s
li
m
2
±
0
1
n
o
c
il
i
S
r
e
y
a
L
n
o
it
a
l
o
s
ISi02
n
i
m
,
k
c
i
h
t
Å
0
0
0
,
0
0
1
g
n
i
k
c
a
B)l
a
n
o
it
p
o
d
l
o
g
(
d
e
p
p
a
L
n
o
it
a
z
il
a
t
e
M
n
i
m
,
k
c
i
h
t
Å
0
0
0
,
0
1
m
u
n
i
m
u
l
A
)l
a
n
o
it
p
o
d
l
o
g
Å
0
0
0
,
5
1
(
G
N
I
G
A
K
C
A
P
.
m
u
m
i
x
a
m
s
p
i
h
c
0
0
4
f
o
s
y
a
r
t
e
r
a
u
q
s
h
c
n
i
o
w
T
S
E
T
O
N
.
y
l
n
o
e
u
l
a
v
e
c
n
a
t
s
i
s
e
r
l
a
t
o
t
e
h
t
o
t
s
e
il
p
p
a
e
c
n
a
r
e
l
o
t
e
h
T
.
1
.r
e
h
t
o
n
a
o
t
e
u
l
a
v
e
n
o
m
o
r
f
y
r
a
v
y
a
m
n
r
e
t
t
a
p
r
o
t
s
i
s
e
R
.
2
N
O
I
T
A
N
G
I
S
E
D
R
E
B
M
U
N
T
R
A
P
R
0
1
22
0
5
8X
G
W
s
e
ir
e
Se
u
l
a
V
e
r
a
s
ti
g
i
d
3
t
s
ri
F
.
e
u
l
a
v
t
n
a
c
if
i
n
g
i
s
s
t
n
e
s
e
r
p
e
r
ti
g
i
d
t
s
a
L
.
s
o
r
e
z
f
o
r
e
b
m
u
n
t
n
i
o
p
l
a
m
i
c
e
d
s
e
t
a
c
i
d
n
i
R
e
c
n
a
r
e
l
o
T
%
5
±
=
J
%
0
1
±
=
K
%
0
2
±
=
M
s
d
a
P
d
n
o
B
d
l
o
G
=
G
m
u
n
i
m
u
l
A
=
r
e
t
t
e
L
o
N
g
n
i
k
c
a
B
d
l
o
G
=
W
d
e
p
p
a
L
=
L
r
e
h
ti
E
=
r
e
t
t
e
L
o
N
C0740400
Package Power Rating


Similar Part No. - 210R8000X

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
210 CTS-210 Datasheet
602Kb / 2P
   AUTO-DIP짰 Switch Automatically Insertable, Wave Solderable, Board Washable DIP Switch
logo
Marl International Limi...
210 MARL-210 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
logo
Ohmite Mfg. Co.
210 OHMITE-210 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
logo
Alpha Wire
210 ALPHAWIRE-210 Datasheet
178Kb / 2P
   M8 Female 3 Pin Field Attachable
logo
WAGO Kontakttechnik Gmb...
210-110 WAGO-210-110 Datasheet
638Kb / 7P
   Relay module; Nominal input voltage
03.10.2022
More results

Similar Description - 210R8000X

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
110R CALMIRCO-110R Datasheet
393Kb / 1P
   THIN FILM RESISTOR SERIES
XRN772 CALMIRCO-XRN772 Datasheet
37Kb / 1P
   Thin Film Resistor Series
CC5100J CALMIRCO-CC5100J Datasheet
76Kb / 1P
   THIN FILM MNOS CAPACITOR SERIES
logo
List of Unclassifed Man...
MCTC0525B412JT5E ETC2-MCTC0525B412JT5E Datasheet
274Kb / 6P
   TC05 Series Thin Film Resistors
MCTC0525B2000T5E ETC2-MCTC0525B2000T5E Datasheet
264Kb / 6P
   TC05 Series Thin Film Resistors
MCTC0525B3012T5E ETC2-MCTC0525B3012T5E Datasheet
264Kb / 6P
   TC05 Series Thin Film Resistors
logo
AVX Corporation
04023J7R5BBWTR AVX-04023J7R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R5BBSTR AVX-04023J1R5BBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J2R2QBSTR AVX-04023J2R2QBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
logo
KOA Speer Electronics, ...
KL731JTTE10NG KOA-KL731JTTE10NG Datasheet
1Mb / 4P
   THIN FILM INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com