Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS100-33 Datasheet(PDF) 3 Page - Total Power International

Part # TPS100-33
Description  SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS100-33 Datasheet(HTML) 3 Page - Total Power International

  TPS100-33 Datasheet HTML 1Page - Total Power International TPS100-33 Datasheet HTML 2Page - Total Power International TPS100-33 Datasheet HTML 3Page - Total Power International TPS100-33 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TPS100
SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
QUAD OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
10A
16.5A
1A
±
5%
±
1%
+12V
Fixed
3.5A
5.8A
0.35A
±
5%
±
1%
- 12V
Fixed
0.5A
0.8A
0.05A
±
10%
±
1%
TPS100-40
- 5 V
Fixed
0.5A
0.8A
0.05A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
10A
16.5A
1A
±
5%
±
1%
+12V
Fixed
3A
5A
0.3A
±
5%
±
1%
- 12V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
TPS100-41
- 5 V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
10A
16.5A
1A
±
5%
±
1%
+12V
Fixed
2A
3.3A
0.2A
±
5%
±
1%
- 15V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
TPS100-42
+15V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
6A
9.9A
0.6A
±
5%
±
1%
+12V
Fixed
2.5A
4.1A
0.25A
±
5%
±
1%
-15V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
TPS100-43
- 12V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
6A
9.9A
0.6A
±
5%
±
1%
+12V
Fixed
1A
1.6A
0.1A
±
5%
±
1%
- 12V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
TPS100-44
+48V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
6A
9.9A
0.6A
±
5%
±
1%
+12V
Fixed
2A
3.3A
0.2A
±
5%
±
1%
- 12V
Fixed
1A
1.6A
0.1A
±
10%
±
1%
TPS100-45
+24V
Fixed
1.5A
2.5A
0.15A
±
10%
±
1%
150W Typical
+ 5V
±
10% Typical
2.5A
4.1A
0.25A
±
5%
±
1%
+12V
Fixed
1A
1.6A
0.1A
±
5%
±
1%
- 12V
Fixed
2A
3.3A
0.2A
±
10%
±
1%
TPS100-46
+36V
Fixed
1.5A
2.5A
0.15A
±
10%
±
1%
150W Typical
NOTES: 1) Peak loads for lasting <30 seconds with a maximum 10% duty cycle are acceptable. Please contact us if need special peak load.
2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth, 0.1μF and 47μF Cap. on outputs.
3) Loading test conditions are set for all outputs at minimum, middle and maximum of loads. Special cross loading requirement is welcomed.
4) Detailed engineering specification of each model is available for inquiry.
5) Special output voltage/current inquiry is welcomed.
6) Specifications subject to change without notice.
7) 25% derated if 24 VDC input version; 50% derated if 12 VDC input version; 25% derated if additional cover.
TOTAL POWER INT'L
TEL:877-646-0900
FAX:978-453-7395
E-mail:sales@total-power.com
http://www.total-power.com
-3-


Similar Part No. - TPS100-33

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS100-33 TOTAL-POWER-TPS100-33 Datasheet
135Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
More results

Similar Description - TPS100-33

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS-100 TOTAL-POWER-TPS-100 Datasheet
135Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS-150 TOTAL-POWER-TPS-150 Datasheet
271Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS150 TOTAL-POWER-TPS150 Datasheet
266Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS350 TOTAL-POWER-TPS350 Datasheet
1Mb / 4P
   SWITCHING MODE 350W U CHANNEL POWER SUPPLIES
TPS180 TOTAL-POWER-TPS180 Datasheet
942Kb / 4P
   SWITCHING MODE 180W U CHANNEL POWER SUPPLY
TPS-350 TOTAL-POWER-TPS-350 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
TPS-300 TOTAL-POWER-TPS-300 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
TPS-180P TOTAL-POWER-TPS-180P Datasheet
948Kb / 4P
   TPS180 SWITCHING MODE 180W U CHANNEL POWER SUPPLY
logo
Astrodyne Corporation
SUU250 ASTRODYNE-SUU250 Datasheet
305Kb / 2P
   250W U-bracket Switching Power Supplies For I.T.E.
SUU81 ASTRODYNE-SUU81 Datasheet
453Kb / 2P
   80W U-bracket Switching Power Supplies For I.T.E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com