Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPS70-34 Datasheet(PDF) 1 Page - Total Power International

Part # PPS70-34
Description  TPS70 OPEN FRAME 70 WATT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

PPS70-34 Datasheet(HTML) 1 Page - Total Power International

  PPS70-34 Datasheet HTML 1Page - Total Power International PPS70-34 Datasheet HTML 2Page - Total Power International PPS70-34 Datasheet HTML 3Page - Total Power International PPS70-34 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PPS70
SWITCHING MODE 70W OPEN FRAME POWER SUPPLIES
KEY FEATURES
*Universal input
*Built-in EMI filter
*Optional±12VDC/±24VDC/±48VDC input
APPLICATIONS
*Telecommunications/Business machines
*Computer peripherals/Medical instruments
*Test & industrial equipments
*Lan & Hub
ELECTRICAL SPECIFICATIONS
INPUT
*Input range-----------90~264 VAC, universal
*Frequency------------47~63Hz
*Inrush current--------35A typical, Cold start @25℃
*Efficiency------------ 65%~80% typical at full load
*EMI filter------------ FCC Class B conducted, CISPR 22
Class B conducted, EN55022 class B
Conducted
*Line regulation----- +/- 0.5% typical
OUTPUT
*Maximum power----70W with 30 CFM forced air
(Refer next page)
*Hold-up time --------10ms typical at full load and 115 VAC
nominal line
*Overload protection-Short circuit protection
*Overvoltage
protection ------------Main output 20% to 40% above
nominal output
*Ripple/Noise -------- +/- 1% Max. @full load
(Optional +/-0.5 % per inquiry)
70W
50W
30W
10W
35W
25W
Power Derating Curve
30 CFM Forced Air Cooling
0
10
20
30
40
50
60
70
Ambient Temperature( °°°° C)
Natural
Convection
Cooling
Output
Power
(Watts)
EMI & EMC
*FCC part 15, Class B
*CISPR 22 / EN55022, Class B
*VCCI ,Class 2
*CE, EN61000-3-2 (Class A) and –3 ; EN61000-4-2,
-3 , -4 , -5 , -6 and -11
SAFETY APPROVAL
*UL1950 / c UL
*Optional CSA 22.2, LEVEL 3 (COMPLY WITH)
*TUV EN60950
*Optional UL 2601 (EMI Class A)(COMPLY WITH)
ENVIRONMENTAL
*Operating temperature :
0 to
50℃ambient; derate each output at 2.5% per
degree from 50℃to 70℃
*Humidity:
Operating; non-condensing, 5% to 95%
*Vibration :
10~55 Hz at 1G 3 minutes period, 30 minutes along
X, Y and Z axis
*Storage temperature:
-40 to 85℃
*Temperature coefficient:
+/- 0.05% per degree C
*MTBF demonstrated:
>100,000 hours at full load and 25℃ambient
conditions
POWER ADD USA, INC.
TEL:978-446-7983
FAX: 978-441-1255
E-mail sales@poweraddusa.com
http://www.poweraddusa.com
-1-
TOTAL POWER INT'L
TPS70 Open Frame 70 Watt


Similar Part No. - PPS70-34

ManufacturerPart #DatasheetDescription
logo
Power-One
PPS7 POWER-ONE-PPS7 Datasheet
153Kb / 4P
   Legacy Products- For Reference Only
logo
Alpha Wire
PPS7 ALPHAWIRE-PPS7 Datasheet
104Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
11/01/2017
logo
Power-One
PPS7-2100 POWER-ONE-PPS7-2100 Datasheet
153Kb / 4P
   Legacy Products- For Reference Only
PPS7-2800 POWER-ONE-PPS7-2800 Datasheet
153Kb / 4P
   Legacy Products- For Reference Only
PPS7-3500 POWER-ONE-PPS7-3500 Datasheet
153Kb / 4P
   Legacy Products- For Reference Only
More results

Similar Description - PPS70-34

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL70 ASTRODYNE-REL70_16 Datasheet
251Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70 Datasheet
371Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
logo
Phihong USA Inc.
PSA065-120 PHIHONG-PSA065-120 Datasheet
80Kb / 2P
   65 Watt Open-Frame Power Supply
PSA065-120 PHIHONG-PSA065-120_14 Datasheet
102Kb / 2P
   65 Watt* Open-Frame Power Supply
logo
Recom International Pow...
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
   48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
   60 Watt Open Frame Single Output
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
   48 Watt Open Frame Single Output
logo
Phihong USA Inc.
PSA065M-120M PHIHONG-PSA065M-120M_14 Datasheet
78Kb / 2P
   65 Watt* Open-Frame Power Supply
logo
Volgen Kaga Electronics...
KLS30F-05S VOLGEN-KLS30F-05S Datasheet
296Kb / 2P
   30 WATT OPEN FRAME POWER SUPPLY
logo
Recom International Pow...
RAC60-OF RECOM-RAC60-OF Datasheet
91Kb / 2P
   60 Watt Open Frame Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com