Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC144TS3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # DTC144TS3
Description  General Purpose PNP Digital Transistors (Built-in Resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTC144TS3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  DTC144TS3 Datasheet HTML 1Page - Cystech Electonics Corp. DTC144TS3 Datasheet HTML 2Page - Cystech Electonics Corp. DTC144TS3 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C274S3
Issued Date : 2002.06.01
Revised Date : 2002. 11.02
Page No. : 3/3
DTA144TS3
CYStek Product Specification
SOT-323 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0315
0.0433
0.80
1.10
e1
0.0256
-
0.65
-
A1
0.0000
0.0039
0.00
0.10
He
0.0787
0.0886
2.00
2.25
bp
0.0118
0.0157
0.30
0.40
Lp
0.0059
0.0177
0.15
0.45
C
0.0039
0.0098
0.10
0.25
Q
0.0051
0.0091
0.13
0.23
D
0.0709
0.0866
1.80
2.20
v
0.0079
-
0.2
-
E
0.0453
0.0531
1.15
1.35
w
0.0079
-
0.2
-
e
0.0512
-
1.3
-
θ
-
-
10
°
0
°
Notes: 1.Dimension and tolerance based on our Spec. dated Feb. 27.002.
2.Controlling dimension: millimeters.
3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
4.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
He
E
A
A1
Q
Lp
e1
e
bp
12
3
D
W
B
v
A
Z
detail Z
A
C
θ
0
12
scale
mm
Style: Pin 1.Base 2.Emitter 3.Collector
3-Lead SOT-323 Pastic
Surface Mounted Package
CYStek Package Code: S3
Marking:
TE
6T


Similar Part No. - DTC144TS3

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144TSA ROHM-DTC144TSA Datasheet
60Kb / 4P
   Digital transistors (built in resistor)
logo
Jiangsu Changjiang Elec...
DTC144TSA JIANGSU-DTC144TSA Datasheet
101Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC144TSA SECOS-DTC144TSA Datasheet
77Kb / 2P
   NPN Digital Transistors (Elektronische Bauelemente Built-in Resistors)
logo
Taiwan Semiconductor Co...
DTC144TSA TSC-DTC144TSA Datasheet
199Kb / 3P
   NPN Small Signal Transistor
logo
Micro Commercial Compon...
DTC144TSA MCC-DTC144TSA Datasheet
860Kb / 3P
   Digital Transistors
More results

Similar Description - DTC144TS3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA144EN3 CYSTEKEC-DTA144EN3_09 Datasheet
257Kb / 6P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTA114TS3 CYSTEKEC-DTA114TS3 Datasheet
147Kb / 3P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTA144EN3 CYSTEKEC-DTA144EN3 Datasheet
148Kb / 4P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTA144ES3 CYSTEKEC-DTA144ES3_16 Datasheet
280Kb / 6P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTA144ES3 CYSTEKEC-DTA144ES3 Datasheet
151Kb / 4P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTC143XS3 CYSTEKEC-DTC143XS3 Datasheet
148Kb / 4P
   General Purpose NPN Digital Transistors (Built-in Resistors)
DTC114WS3 CYSTEKEC-DTC114WS3 Datasheet
148Kb / 4P
   General Purpose NPN Digital Transistors (Built-in Resistors)
DTA115EN3 CYSTEKEC-DTA115EN3 Datasheet
155Kb / 4P
   PNP Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTA143ZM SECOS-DTA143ZM Datasheet
469Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
DTA114YE SECOS-DTA114YE Datasheet
190Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com