Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M65850 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M65850
Description  DIGITAL ECHO(DIGITAL DELAY)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65850 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M65850 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M65850 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ELECTRIC
MITSUBISHI
M65850P/FP
PRELIMINARY
Notice
; This
is not
a final
specification.
some
parametric
limits
are
subject
to change.
MITSUBISHI SOUND PROCESSOR ICs
(
/ 11 )
KARAOKE
50SERIES
SERIES
DIGITAL ECHO(DIGITAL DELAY)
◊ The M65850P/FP is a CMOS IC for generating echo to be added to the voice through a
"karaoke" microphone.
◊ It is optimal to provide the echo effect function for karaoke player, such as radio cassette
recorders, mini audio components and television sets.
◊ Increased master clock frequency assures high-performance short delay,enabling the IC
to be used for dolby prologic surround system.
Supply voltage range • • • • • Vcc=3.5~5.5V
Rated supply voltage • • • • • • • • • • Vcc=5V
RECOMMENDED OPERATING CONDITION
SYSTEM CONFIGURATION
• Built-in input/output filters, A-D and D-A converters,and memory
realize a delay system with only a single chip.
• Built-in current control type clock oscillator circuit avoids clock
affection outside,thus allowing prevention of undesired radiation.
• Delay time = 164 ms (with master clock set at 1MHz)
(Selection of delay time in a range between 15ms and 200ms)
• Small package (14-pin DIP : 14P4,16-pin SOP:16P2N)
• Built-in 20Kbit SRAM
• Built-in auto reset circuit (The IC reset as power is turned on)
• Single power supply (5V)
DESCRIPTION
1
Outline 1 4 P 4 ( P )
HPF
MIX
BASS
BASS
MIX
MIX
MIC VOL
MIC VOL
MIX
MIX
ECHO VOL
ECHO
L
R
MIC1
MIC2
MIC AMP
MIC AMP
L
R
HPF
LPF
KEY CONTROL
RAM
MIX
VOCAL
CUT
M65850P/FP
PACKAGE
2.54mm pitch 300mil DIP
Note : Dolby is the registered trademarks of dolby laboratories licensing corporation.
Outline 1 6 P 2 N ( FP )
1.27mm pitch 300mil SOP
FEATURES


Similar Part No. - M65850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M65850FP RENESAS-M65850FP Datasheet
151Kb / 12P
   Digital Echo (Digital Delay)
M65850P RENESAS-M65850P Datasheet
151Kb / 12P
   Digital Echo (Digital Delay)
More results

Similar Description - M65850

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65844P MITSUBISHI-M65844P Datasheet
328Kb / 7P
   DIGITAL ECHO (DIGITAL DELAY)?
logo
Renesas Technology Corp
M65831AP RENESAS-M65831AP Datasheet
4Mb / 15P
   DIGITAL ECHO(DIGITAL DELAY)
logo
Mitsubishi Electric Sem...
M65831AP MITSUBISHI-M65831AP Datasheet
80Kb / 14P
   DIGITAL ECHO (DIGITAL DELAY)
logo
List of Unclassifed Man...
BL0305 ETC1-BL0305 Datasheet
25Kb / 2P
   Digital Echo (Digital Delay)
logo
SHANGHAI BELLING CO., L...
BL0305 BELLING-BL0305 Datasheet
24Kb / 2P
   Digital Echo (Digital Delay)
logo
Renesas Technology Corp
M65850P RENESAS-M65850P Datasheet
151Kb / 12P
   Digital Echo (Digital Delay)
logo
Rohm
BU9252S ROHM-BU9252S Datasheet
63Kb / 6P
   Audio digital delay (KARAOKE echo)
logo
Mitsubishi Electric Sem...
M50195P MITSUBISHI-M50195P Datasheet
476Kb / 8P
   DIGITAL ECHO
logo
List of Unclassifed Man...
BL0306 ETC1-BL0306 Datasheet
32Kb / 2P
   Digital echo
logo
Princeton Technology Co...
PT2395 PTC-PT2395 Datasheet
265Kb / 4P
   Enhanced Digital Echo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com