Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPG65-24 Datasheet(PDF) 2 Page - Total Power International

Part # TPG65-24
Description  OPEN FRAME P/S
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPG65-24 Datasheet(HTML) 2 Page - Total Power International

  TPG65-24 Datasheet HTML 1Page - Total Power International TPG65-24 Datasheet HTML 2Page - Total Power International TPG65-24 Datasheet HTML 3Page - Total Power International TPG65-24 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPG65
SWITCHING MODE 65W OPEN FRAME POWER SUPPLIES
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
SINGLE OUTPUT MODEL SELECTION CHART
TPG65-15
+3.3V
±
10% Typical
20A
23A
2A
±
5%
±
1.5%
75W Typical
TPG65-10
+ 5V
±
10% Typical
13A
15A
0A
±
3%
±
1%
75W Typical
TPG65-11
+12V
±
10% Typical
5.4A
6.2A
0A
±
3%
±
1%
75W Typical
TPG65-12
+15V
±
10% Typical
4.3A
4.9A
0A
±
3%
±
1%
75W Typical
TPG65-13
+24V
±
10% Typical
2.7A
3.1A
0A
±
3%
±
1%
75W Typical
TPG65-S5
+48V
±
10% Typical
1.3A
1.5A
0A
±
3%
±
1%
75W Typical
TPG65-16
+10V
±
10% Typical
6.5A
7.4A
0A
±
3%
±
1%
75W Typical
TPG65-18
+20V
±
10% Typical
3.25A
3.7A
0A
±
3%
±
1%
75W Typical
TPG65-19
+36V
±
10% Typical
1.8A
2A
0A
±
3%
±
1%
75W Typical
DUAL OUTPUT MODEL SELECTION CHART
+3.3V
±
10% Typical
9.7A
11.1A
0.97A
±
5%
±
1.5%
TPG65-20
+ 5V
Fixed
6.5A
7.4A
0.65A
±
5%
±
1%
75W Typical
+ 5V
±
10% Typical
12A
13.8A
1.2A
±
5%
±
1%
TPG65-21
+12V
Fixed
1A
1.2A
0.1A
±
5%
±
1%
75W Typical
+5 V
±
10% Typical
6A
6.9A
0.6A
±
5%
±
1%
TPG65-22
+12V
Fixed
3A
3.5A
0.3A
±
5%
±
1%
75W Typical
+5 V
±
10% Typical
6A
6.9A
0.6A
±
5%
±
1%
TPG65-23
+24V
Fixed
1.5A
1.7A
0.15A
±
5%
±
1%
75W Typical
+12V
±
10% Typical
3A
3.5A
0.3A
±
5%
±
1%
TPG65-24
-12V
Fixed
3A
3.5A
0.3A
±
10%
±
1%
75W Typical
+3.3V
±
10% Typical
10A
11.5A
1A
±
5%
±
1.5%
TPG65-25
+12V
Fixed
1A
1.2A
0.1A
±
5%
±
1%
75W Typical
+3.3V
±
10% Typical
15A
17.3A
1.5A
±
5%
±
1.5%
TPG65-26
-48V
Fixed
0.4A
0.5A
0.04A
±
10%
±
1%
75W Typical
+5V
±
10% Typical
8A
9.2A
0.8A
±
5%
±
1%
TPG65-27
-5V
Fixed
2A
2.3A
0.2A
±
10%
±
1%
75W Typical
TRIPLE OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
6A
6.9A
0.6A
±
5%
±
1%
+12V
Fixed
2.2A
2.5A
0.22A
±
5%
±
1%
TPG65-31
- 12V
Fixed
0.35A
0.4A
0.04A
±
10%
±
1%
75W Typical
+ 5V
±
10% Typical
6A
6.9A
0.6A
±
5%
±
1%
+15V
Fixed
2.2A
2.5A
0.22A
±
5%
±
1%
TPG65-32
-15V
Fixed
0.35A
0.4A
0.04A
±
10%
±
1%
75W Typical
+ 5V
±
10% Typical
5A
6.9A
0.5A
±
5%
±
1%
-5V
Fixed
0.8A
1.4A
0.08A
±
5%
±
1%
TPG65-T3Y
-+12V
Fixed
3.5A
1.4A
0.35A
±
10%
±
1%
75W Typical
+ 5V
±
10% Typical
6A
6.9A
0.6A
±
5%
±
1%
+24V
Fixed
1A
2.3A
0.1A
±
5%
±
1%
TPG65-31B
-12V
Fixed
1A
1.2A
0.1A
±
10%
±
1%
75W Typical
+3.3V
±
10% Typical
10A
11.5A
1A
±
5%
±
1.5%
+5V
Fixed
2A
2.3A
0.2A
±
5%
±
1%
TPG65-36
+12V
Fixed
1.25A
1.4A
0.13A
±
10%
±
1%
75W Typical
+5V
±
10% Typical
1A
6.9A
0.1A
±
5%
±
1%
+15V
Fixed
1.6A
2.5A
0.16A
±
5%
±
1%
TPG65-38
+48V
Fixed
0.75A
1.4A
0.08A
±
10%
±
1%
75W Typical
+3.3V
±
10% Typical
13.5A
15.5A
1.35A
±
5%
±
1.5%
+12V
Fixed
1.5A
1.7A
0.15A
±
5%
±
1%
TPG65-39
+5V
Fixed
1A
1.2A
0.1A
±
10%
±
1%
75W Typical
TOTAL POWER, INT.
TEL:877-646-0900 FAX:978-453-7395
E-mail: sales@total-power.com http://www.total-power.com
-2-


Similar Part No. - TPG65-24

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG TOPPOWER-TPG Datasheet
770Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG-2W TOPPOWER-TPG-2W Datasheet
220Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
   3W 3KVDC Isolated Single Output DC/DC Converters
logo
Total Power Internation...
TPG-65 TOTAL-POWER-TPG-65 Datasheet
113Kb / 4P
   TPG65 Open Frame P/S
More results

Similar Description - TPG65-24

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPG-65 TOTAL-POWER-TPG-65 Datasheet
113Kb / 4P
   TPG65 Open Frame P/S
logo
ETA-USA
OBQ-SC ETA-USA-OBQ-SC Datasheet
8Mb / 4P
   3W Open Frame
OEJ05SC ETA-USA-OEJ05SC Datasheet
1Mb / 4P
   1.5W Open Frame
DTMF250-SX-F-W6 ETA-USA-DTMF250-SX-F-W6 Datasheet
3Mb / 2P
   250W Open Frame
ZME200-SX-F-W ETA-USA-ZME200-SX-F-W Datasheet
2Mb / 2P
   200W Open Frame
OES-SC ETA-USA-OES-SC Datasheet
4Mb / 3P
   10W Open Frame
FHF-SX ETA-USA-FHF-SX Datasheet
1Mb / 4P
   300W Open Frame
FHP-SX ETA-USA-FHP-SX Datasheet
1Mb / 4P
   450W Open Frame
ZMB-SX-W ETA-USA-ZMB-SX-W Datasheet
3Mb / 3P
   60W Open Frame
OBS05SC ETA-USA-OBS05SC Datasheet
8Mb / 4P
   10W Open Frame
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com