Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD6C250 Datasheet(PDF) 3 Page - Solid State Optronic

Part # AD6C250
Description  1 Form A Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C250 Datasheet(HTML) 3 Page - Solid State Optronic

  AD6C250 Datasheet HTML 1Page - Solid State Optronic AD6C250 Datasheet HTML 2Page - Solid State Optronic AD6C250 Datasheet HTML 3Page - Solid State Optronic AD6C250 Datasheet HTML 4Page - Solid State Optronic AD6C250 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AD6C250
1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
60
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35
Turn-Off Tim e (m s)
AD6C250
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
170 180 190 200 210 220 230 240
On-Resistance (ohm s)
AD6C250
0
20
40
60
80
0
0.010.03 0.050.070.09 0.110.13
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD6C250
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
20
40
60
80
260 265 270 275 280 285 290 295
Blocking Voltage (V)
AD6C250
0
10
20
30
40
50
60
Tem perature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD6C250
Maximum Load Current vs. Temperature
0
10
20
30
40
50
0.01 0.03 0.05 0.07 0.09 0.11 0.13 0.15
Turn-On Tim e (m s)
AD6C250
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
rev 1.4 (10/25/04)
© 2004 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 5
AD6C250


Similar Part No. - AD6C250

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C201 SSOUSA-AD6C201 Datasheet
346Kb / 8P
   Compact 6 pin DIP/SMD Package
AD6C211 SSOUSA-AD6C211 Datasheet
201Kb / 5P
   1 Form A Solid State Relay
AD6C211-L SSOUSA-AD6C211-L Datasheet
202Kb / 5P
   1 Form A Solid State Relay
AD6C211-L SSOUSA-AD6C211-L_15 Datasheet
309Kb / 9P
   High Isolation Voltage (3750VRMS)
AD6C212 SSOUSA-AD6C212 Datasheet
160Kb / 4P
   1 Form B Solid State Relay
More results

Similar Description - AD6C250

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com