Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAP202N3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # DAP202N3
Description  High-speed double diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DAP202N3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  DAP202N3 Datasheet HTML 1Page - Cystech Electonics Corp. DAP202N3 Datasheet HTML 2Page - Cystech Electonics Corp. DAP202N3 Datasheet HTML 3Page - Cystech Electonics Corp. DAP202N3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C303N3P
Issued Date : 2003.05.27
Revised Date
Page No. : 3/4
DAP202N3
CYStek Product Specification
Characteristic Curves
Forward Current vs Ambient Temperature
0
25
50
75
100
125
150
175
200
225
250
0
50
100
150
200
Ambient Temperature---Ta(℃)
single diode loaded
double diode loaded
Forward Current vs Forward Voltage
0
25
50
75
100
125
150
175
200
225
250
275
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Voltage---VF(V)
Non-repetitive peak forward
current vs pulse duration
0.1
1
10
100
1
10
100
1000
10000
Pulse Duration---tp(μs)
Diode Capacitance vs Reverse Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
2
4
6
8
10
12
14
16
Reverse Voltage---VR(V)


Similar Part No. - DAP202N3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DAP202 MCC-DAP202 Datasheet
345Kb / 3P
   100 mA Switching Diode 80 Volts
logo
Shenzhen Luguang Electr...
DAP202 LUGUANG-DAP202 Datasheet
229Kb / 2P
   Dual Surface Mount Fast Switching Diode
logo
Jiangsu Changjiang Elec...
DAP202 JIANGSU-DAP202 Datasheet
2Mb / 4P
   SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
DAP202 BILIN-DAP202 Datasheet
133Kb / 3P
   Dual surface mount switching diode
logo
Jiangsu High diode Semi...
DAP202 HDSEMI-DAP202 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Diodes
More results

Similar Description - DAP202N3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
   High-speed double diode
1999 May 05
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
   High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
   High-speed Double Diode
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
   High-speed double diode
2004 Jan 14
logo
Guangdong Kexin Industr...
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
   High-Speed Double Diode
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
   High-Speed Double Diode
logo
Micro Commercial Compon...
BAS28 MCC-BAS28 Datasheet
376Kb / 3P
   High-Speed Double Diode
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
   High-speed double diode
2003 Nov 07
logo
NXP Semiconductors
1PS301 PHILIPS-1PS301 Datasheet
67Kb / 8P
   High-speed double diode
1999 May 06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com