Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPES14-12 Datasheet(PDF) 1 Page - Total Power International

Part # TPES14-12
Description  AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES TPES14 SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPES14-12 Datasheet(HTML) 1 Page - Total Power International

  TPES14-12 Datasheet HTML 1Page - Total Power International TPES14-12 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT
MULTIPLE OUTPUT 14-16 WATTS SWITCHING
POWER SUPPLIES TPES14 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC SOURCES
DESKTOP WITH IEC320 AC RECEPTACLE
MEET UNIVERSAL SAFETY STANDARDS
EMI MEET EN55022/ FCC CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 90-264Vac typical.
Input Connector: IEC320-3P DT7 or IEC320-2P
DT8 for dual output.
Input Frequency: 47-63Hz.
Inrush Current: 26A @230Vac typical.
Input Current: 0.4A @115Vac/ 0.2A @230Vac typical.
Dielectric Withstand: Meet IEC950.
EMI: Meet EN55022 / FCC Class B.
Hold-up Time: 10mS @115Vac or
40mS @230Vac typical.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: 14-16 Watts typical.
Output Connector & Cord: Optional.
Line Regulation: 0.1% typical.
Load Regulation: Main O/P VO1 ±1.5-3.0% typical.
Aux. O/P VO2 ±3.0-5.0% typical.
Aux. O/P VO3 ±1.0-2.0% typical with P.R.
Noise & Ripple: 1.0% peak to peak typical.
OVP: Built-in “Latch type” on main output VO1 only.
Latch type or Zener diode clamp for dual output series.
Adjustability: Factory set.
Overload Protection:
125-150% typical of max. power overrange or
short circuit, power foldback & self-recovering.
GENERAL SPECIFICATION
Efficiency: 74-78% typical.
Switching Frequency: Approximate 35K Hz.
Circuit Topology: Fixed Frequency Flyback circuit.
Transient Response: Output voltage returns in less than
3mS following a 25% load change.
Safety Standard: UL1950/ EN60950 Class I.
Class II for dual output series.
Power Density: 1.12Watts / Cubic inch.
Operating Temperature: 0 °C to room temperature.
Storage Temperature: -20°C to +85°C.
Temperature Coefficient: 0.04%/°C typical.
Cooling: Free air convection.
Construction: Impact resistant thermo-plastic
enclosure case.
Desktop Format.
Weight : 330.0g (11.6 Oz.)
NOTE: (1) All measurements are at nominal input, full load, and +25°C unless otherwise specified.
(2) Load regulation is measured at 115Vac or 230Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (unit ±%).
For the multi-output, the main output remains 50% load and other aux. output remains 20% load.
(3) The exact obtainable load regulation depends upon the output load current & cord selected. Upper data are for 6 ft. (2 m) cord AWG#18 wires.
TOTAL POWER INT'L


Similar Part No. - TPES14-12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPES10 TOTAL-POWER-TPES10 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
TPES10-03310-A-1 TOTAL-POWER-TPES10-03310-A-1 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
TPES10-03325-0-1 TOTAL-POWER-TPES10-03325-0-1 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
TPES10-03420-0-3 TOTAL-POWER-TPES10-03420-0-3 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
TPES10-05010-B-3 TOTAL-POWER-TPES10-05010-B-3 Datasheet
696Kb / 4P
   UNIVERSAL INPUT AC TO DC EXTERNAL WALLMOUNT & DESKTOP ADAPTORS SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES TPES10 & TPES10B SERIES
More results

Similar Description - TPES14-12

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HES14 HITRON-HES14 Datasheet
323Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 14-16 WATTS SWITCHING POWER SUPPLIES
HES15 HITRON-HES15 Datasheet
345Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
HES61 HITRON-HES61 Datasheet
350Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 50-60 WATTS SWITCHING POWER SUPPLIES
HES24 HITRON-HES24 Datasheet
337Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE & MULTIPLE OUTPUT 24-26 WATTS SWITCHING POWER SUPPLIES
HES102 HITRON-HES102 Datasheet
272Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 100 WATTS SWITCHING POWER SUPPLIES
HES75 HITRON-HES75 Datasheet
297Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 75 WATTS SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES34 HITRON-HES34 Datasheet
144Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 25-36 WATTS SWITCHING POWER SUPPLIES
HES51 HITRON-HES51 Datasheet
484Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 45-51 WATTS SWITCHING POWER SUPPLIES
HES65 HITRON-HES65 Datasheet
331Kb / 2P
   AC/DC EXTERNAL DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 60-65 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com