Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPDC200P-48B Datasheet(PDF) 2 Page - Total Power International

Part # TPDC200P-48B
Description  36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPDC200P-48B SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPDC200P-48B Datasheet(HTML) 2 Page - Total Power International

  TPDC200P-48B Datasheet HTML 1Page - Total Power International TPDC200P-48B Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE / CURRENT RATINGS CHART
QUAD OUTPUT
MAIN +VO1 @ #=⊙
AUX. +VO2 @▲ #=⊙
AUX. +VO3 ▲=⊙#(@)
AUX. -VO4 ●=⊙■
MODEL NO.
Min. Typ. Volt. Max.
Typ.
Volt.
Max.
Typ. Volt. Max. Peak Typ.
Volt Max. Peak
TPDC200P-48B-490(E) 2.0A 25A +5V 35A
10A
+3.3V
20A
3.0A +12V 5.0A 6.0A 0.5A -12V 1.0A 1.0A
TPDC200P-48B-490(O) 2.0A 25A +5V 35A
10A
+3.3V
20A
3.0A +12V 5.0A 6.0A 0.5A -12V 1.0A 1.0A
Symbol: "★" OVP built-in. "@" Adjustable. "(@)" Adjustable factory set. "#" Remote sensing. "=" Droop Current Sharing. "⊙" Installed with Or-ing diode.
"▲" Magnetic Amplifier. "●" Installed with Post Regulator. "■" Common Choke.
Remark: Peak load less than 60sec. with duty cycle <10%.
Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 666.0g (23.5 Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
DC
INPUT
QUAD OUTPUT
STATUS/CONTROL
ASSIGNMENT -Vin +Vin
G
VO1
S+
S-
VO2
S+
VO3
S+
VO4
DC COM
EN#
DEG#
INH# FAL#
CNTR &PIN #
47
46
45
1,2, 3,4
30
34
13,14,15,16,17,18
33
20
36
21
5,6,7,8,9,10,11,12,
19,22,24
27
38
39
42
Mating connector: PCIH47F400A1.
TPDC200P-48B-490(E)
TPDC200P-48B-490(O)
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-


Similar Part No. - TPDC200P-48B

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPDC202P-48B TOTAL-POWER-TPDC202P-48B Datasheet
365Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 202 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC202P-48B
TPDC202P-48B-490 TOTAL-POWER-TPDC202P-48B-490 Datasheet
365Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 202 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC202P-48B
More results

Similar Description - TPDC200P-48B

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HDC201P-48B HITRON-HDC201P-48B Datasheet
337Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 200 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPDC400P-48B TOTAL-POWER-TPDC400P-48B Datasheet
371Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC400P-48B SERIES
TPDC300P-48B TOTAL-POWER-TPDC300P-48B Datasheet
365Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC300P-48B SERIES
TPDC500P-48B TOTAL-POWER-TPDC500P-48B Datasheet
333Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC500P-48B SERIES
TPDC250P-48B TOTAL-POWER-TPDC250P-48B Datasheet
428Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC250P-48B SERIES
logo
HITRON ELECTRONICS CORP...
HDC500P-48B HITRON-HDC500P-48B Datasheet
197Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 500 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HDC250P-48B HITRON-HDC250P-48B Datasheet
326Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 250 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
HDC301P-48B HITRON-HDC301P-48B Datasheet
298Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 300 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
logo
Total Power Internation...
TPDC202P-48B TOTAL-POWER-TPDC202P-48B Datasheet
365Kb / 2P
   36-72VDC INPUT RANGE DC-DC CONVERTER HALF SIZE HOT-SWAP CompactPCI QUAD OUTPUT 202 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES TPDC202P-48B
logo
HITRON ELECTRONICS CORP...
HDC400P-24B HITRON-HDC400P-24B Datasheet
197Kb / 2P
   18-36 OR 36-72VDC INPUT RANGE DC-DC CONVERTER HOT-SWAP CompactPCI QUAD OUTPUT 400 WATTS ACTIVE CURRENT SHARING SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com