Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL34063AQ8 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # PL34063AQ8
Description  DC-to-DC Converter Control Circuit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL34063AQ8 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  PL34063AQ8 Datasheet HTML 1Page - Cystech Electonics Corp. PL34063AQ8 Datasheet HTML 2Page - Cystech Electonics Corp. PL34063AQ8 Datasheet HTML 3Page - Cystech Electonics Corp. PL34063AQ8 Datasheet HTML 4Page - Cystech Electonics Corp. PL34063AQ8 Datasheet HTML 5Page - Cystech Electonics Corp. PL34063AQ8 Datasheet HTML 6Page - Cystech Electonics Corp. PL34063AQ8 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C501Q8
Issued Date : 2003.03.21
Revised Date :
Page No. : 4/7
PL34063AQ8
CYStek Product Specification
Application Information (Continued)
1
8
2
3
4
5
6
7
Vout
28V / 200mA
R1
150
Cout
220
µF
CT
680
ρF
Vin
RA
2.2k
RSC
0.22Ω
C1
100
µF
PL34063A
L1
D1
200
µH
1N5819
RB
47k
Line Regulation : 100mV (Vin=8V~16V, @Io=200mA)
Load Regulation : 5mV (Vin=12V, @Io=80mA~200mA)
Fig.2 Step-Up Converter
1
8
2
3
4
5
6
7
PL34063A
RSC
C1
RA
R1
RB
CT
D1
L1
Q1
R2
Vin
Vout
Cout
Fig.3 Step-Up Converter With External NPN Switch
1
8
2
3
4
5
6
7
Fig.4 Step-Down Converter
Line Regulation : 40mV (Vin=10V~20V, @Io=500mA)
Load Regulation : 5mV (Vin=15V, @Io=10mA~500mA)
Short Circuit Current : 1.3A (Vin=15V, @RL=0.1
Ω)
PL34063A
Vout
5V / 500mA
RSC
0.25Ω
L1
RB
RA
1.2k
3.6k
CT
470
ρF
D1
1N5819
200
µH
Cout
470
µF
C1
100
µF
Vin


Similar Part No. - PL34063AQ8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
More results

Similar Description - PL34063AQ8

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
   DC-to-DC Converter Control Circuit
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
   DC-to-DC Converter Control Circuit
logo
List of Unclassifed Man...
B34063A ETC-B34063A Datasheet
478Kb / 9P
   1.5Amp DC-to-DC Converter Control Circuit
GM34063 ETC1-GM34063 Datasheet
182Kb / 10P
   1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063 Datasheet
297Kb / 16P
   1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com