Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDSS355CY Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # CDSS355CY
Description  75V/150mA SURFACE MOUNT SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CDSS355CY Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  CDSS355CY Datasheet HTML 1Page - Cystech Electonics Corp. CDSS355CY Datasheet HTML 2Page - Cystech Electonics Corp. CDSS355CY Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C332CY
Issued Date : 2004.04.16
Revised Date :
Page No. : 2/2
CDSS355CY
CYStek Product Specification
Characteristic Curves
Forward Current vs Forward Voltage
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
Forward Voltage---VF(V)
125℃
75℃
25℃
-25℃
Reverse Leakage Current vs Temperature
1
10
100
1000
10000
0
1020
30
4050
6070
80
Ambient Temperature---TA(℃)
125℃
75℃
25℃
Diode Capacitance vs Reverse Voltage
0
1
2
3
4
5
02
46
8
10
12
14
Reverse Voltage---VR(V)
f=1MHz
Ta=25℃
Forward Current vs Ambient Temperature
0
25
50
75
100
125
0
25
50
75
100
125
150
Ambient Temperature---Ta(℃)
Mounting on glass epoxy PCBs


Similar Part No. - CDSS355CY

ManufacturerPart #DatasheetDescription
logo
Formosa MS
CDSS355 FORMOSA-CDSS355 Datasheet
76Kb / 2P
   High Speed
logo
Comchip Technology
CDSS355 COMCHIP-CDSS355 Datasheet
56Kb / 2P
   SMD Switching Diode
logo
Cystech Electonics Corp...
CDSS355ASN CYSTEKEC-CDSS355ASN Datasheet
140Kb / 3P
   100V/100mA SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - CDSS355CY

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
LL4154 SUNMATE-LL4154 Datasheet
79Kb / 2P
   150mA Surface Mount Fast Switching Diode
LL4148 SUNMATE-LL4148 Datasheet
77Kb / 2P
   150mA Surface Mount Fast Switching Diode
MCL4148 SUNMATE-MCL4148 Datasheet
337Kb / 2P
   150mA Surface Mount Fast Switching Diode
logo
Formosa MS
MCL4448 FORMOSA-MCL4448_09 Datasheet
98Kb / 7P
   150mA Surface Mount Switching Diode- 100V
logo
SUNMATE electronic Co.,...
LL4150 SUNMATE-LL4150 Datasheet
70Kb / 2P
   150mA Surface Mount Fast Switching Diode
logo
Formosa MS
MCL4148 FORMOSA-MCL4148_10 Datasheet
102Kb / 7P
   150mA Surface Mount Switching Diode- 100V
logo
SUNMATE electronic Co.,...
LS4148 SUNMATE-LS4148 Datasheet
120Kb / 2P
   150mA Surface Mount Fast Switching Diode
LL4151 SUNMATE-LL4151 Datasheet
84Kb / 2P
   150mA Surface Mount Fast Switching Diode
MCL4154 SUNMATE-MCL4154 Datasheet
317Kb / 2P
   150mA Surface Mount Fast Switching Diode
logo
WILLAS ELECTRONIC CORP
MMBD4448 WILLAS-MMBD4448 Datasheet
384Kb / 2P
   150mA Surface Mount Switching Diode-100V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com