Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24080DRCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24080DRCT
Description  SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24080DRCT Datasheet(HTML) 5 Page - Texas Instruments

  BQ24080DRCT Datasheet HTML 1Page - Texas Instruments BQ24080DRCT Datasheet HTML 2Page - Texas Instruments BQ24080DRCT Datasheet HTML 3Page - Texas Instruments BQ24080DRCT Datasheet HTML 4Page - Texas Instruments BQ24080DRCT Datasheet HTML 5Page - Texas Instruments BQ24080DRCT Datasheet HTML 6Page - Texas Instruments BQ24080DRCT Datasheet HTML 7Page - Texas Instruments BQ24080DRCT Datasheet HTML 8Page - Texas Instruments BQ24080DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
PIN ASSIGNMENT
VSS
5
STAT2
4
STAT1
3
GND
2
IN
1
6
7
8
9
10
ISET
PG
CE
GND
OUT
bq24080
bq24080
SLUS698B – MARCH 2006 – REVISED MAY 2006
DRC PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
IN
1
I
Adapter dc voltage
CE
9
I
Charge enable input (active low voltage, min 0.1
µF input capacitor)
GND
2, 7
-
Ground
ISET
6
I
Charge current. Precharge and termination set point.
OUT
10
O
Charge current output (minimum 0.1
µF capacitor to ground)
PG
8
O
Power-good status output (open-drain)
STAT1
3
O
Charge status output 1 (open-drain)
STAT2
4
O
Charge status output 2 (open-drain)
VSS
5
-
Ground
There is an internal electrical connection between the exposed thermal pad and VSS pin of the device. The
Thermal
exposed thermal pad must be connected to the same potential as the VSS pin on the printed-circuit board. Do
-
-
Pad
not use the thermal pad as the primary ground input for the device. VSS pin must be connected to
ground at all times.
5
Submit Documentation Feedback


Similar Part No. - BQ24080DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24080DRCT TI-bq24080DRCT Datasheet
1Mb / 25P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24080DRCT TI1-BQ24080DRCT Datasheet
1Mb / 26P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24080DRCTG4 TI1-BQ24080DRCTG4 Datasheet
1Mb / 26P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
More results

Similar Description - BQ24080DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24083 TI-BQ24083 Datasheet
1Mb / 23P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24080 TI1-BQ24080_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
BQ24081 TI-BQ24081_12 Datasheet
1Mb / 25P
[Old version datasheet]   1-A, SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
logo
Texas Instruments
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Li-Ion and Li-Pol Automotive Charger
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
logo
Lowpower Semiconductor ...
LP28021 POWER-LP28021 Datasheet
822Kb / 11P
   1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ24081-Q1 TI-BQ24081-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   bq2408x-Q1 1-A, Single Chip, Li-Ion and Li-Pol Automotive Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com