Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSDW1025 Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part # MSDW1025
Description  2W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSDW1025 Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  MSDW1025 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSDW1025 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSDW1025 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSDW1025 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSDW1025 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSDW1025 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSDW1025 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSDW1025 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Derating Curve
]
Ambient Temperature
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
Efficiency vs Output Load ( Dual Output )
Efficiency vs Output Load ( Single Output )
20
30
40
50
60
70
80
90
Load Current (%)
100
60
40
20
10
80
20
30
40
50
60
70
80
90
Load Current (%)
100
60
40
20
10
80
Efficiency vs Input Voltage ( Dual Output )
Efficiency vs Input Voltage ( Single Output )
50
60
70
80
90
100
Input Voltage (V)
Nom
Low
High
50
60
70
80
90
100
Input Voltage (V)
Nom
Low
High
MSDW1000 Series
REV:1 2006/03
MINMAX
5


Similar Part No. - MSDW1025

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSDW1025 MINMAX-MSDW1025 Datasheet
270Kb / 4P
   DC/DC CONVERTER 2W, Small Footprit: 24.0 x 18.1 mm (0.94 x 0.71 inches)
logo
Total Power Internation...
MSDW1025 TOTAL-POWER-MSDW1025 Datasheet
422Kb / 4P
   Qualified for lead-free reflow solder process according IPC/JEDEC J-STD-020D
More results

Similar Description - MSDW1025

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MEW1000 MINMAX-MEW1000 Datasheet
187Kb / 8P
   2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSIW1000 MINMAX-MSIW1000 Datasheet
231Kb / 8P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
MSIW2000 MINMAX-MSIW2000 Datasheet
195Kb / 8P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
DDC1000 MPSIND-DDC1000 Datasheet
180Kb / 2P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-2W TOPPOWER-TP2L-2W_1 Datasheet
426Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L-1KV3KV TOPPOWER-TP2L-1KV3KV Datasheet
181Kb / 3P
   2W Isolated Wide Input Single Output DC/DC Converters
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
   Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NDL0512SC MURATA-NDL0512SC Datasheet
203Kb / 4P
   Isolated 2W Wide Input Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-2W TOPPOWER-TP2L-2W_17 Datasheet
397Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com