Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW1023 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MKW1023
Description  10W, Wide Input Range, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW1023 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MKW1023 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW1023 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW1023 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW1023 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW1023 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW1023 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKW1023 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKW1023 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
83
251
{17
{333
{15
MKW1048
83
251
{21
{416
{12
MKW1047
81
257
{50
{1000
{5
MKW1046
83
251
21
416
24
MKW1045
83
252
34
670
15
MKW1044
82
253
42
830
12
MKW1043
80
260
100
2000
5
MKW1042
76
12
10
217
120
2400
3.3
48
( 36 ~ 75 )
MKW1041
82
507
{17
{333
{15
MKW1038
82
507
{21
{416
{12
MKW1037
80
521
{50
{1000
{5
MKW1036
83
501
21
416
24
MKW1035
82
511
34
670
15
MKW1034
82
506
42
830
12
MKW1033
78
534
100
2000
5
MKW1032
76
25
20
434
120
2400
3.3
24
( 18 ~ 36 )
MKW1031
80
1041
{17
{333
{15
MKW1028
81
1027
{21
{416
{12
MKW1027
78
1068
{50
{1000
{5
MKW1026
81
1027
21
416
24
MKW1025
80
1047
34
670
15
MKW1024
80
1038
42
830
12
MKW1023
77
1082
100
2000
5
MKW1022
72
50
30
917
120
2400
3.3
12
( 9 ~ 18 )
MKW1021
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
EN55022 Class A
Conducted EMI
Six-Sided Shielded, Metal Case
RFI
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-40
Case
Operating Temperature
]
+71
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
5,000
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
100
-0.7
48VDC Input Models
VDC
50
-0.7
24VDC Input Models
VDC
25
-0.7
12VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of 75%
to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. These power converters require a minimum
output loading to maintain specified regulation.
5. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
6. All DC/DC converters should be externally fused at
the front end for protection.
7. Other input and output voltage may be available,
please contact factory.
8. Specifications subject to change without notice.
Absolute Maximum Ratings
MKW1000 Series
2
MINMAX
REV:0 2005/04


Similar Part No. - MKW1023

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW1023 TOTAL-POWER-MKW1023 Datasheet
263Kb / 8P
   10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
Minmax Technology Co., ...
MKW1023 MINMAX-MKW1023 Datasheet
287Kb / 4P
   DC/DC CONVERTER 10W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
logo
Total Power Internation...
MKW1023 TOTAL-POWER-MKW1023 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
More results

Similar Description - MKW1023

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW5000 MINMAX-MIW5000 Datasheet
243Kb / 8P
   10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
   Wide Input Range Single Output DC-DC Converters
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
   Wide Input Range Single Output DC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW2500 MINMAX-MKW2500 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
A400RU MPD-A400RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com