Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIW5021 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MIW5021
Description  10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW5021 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MIW5021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW5021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW5021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW5021 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW5021 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW5021 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW5021 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW5021 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
A: 2.5V, 3.3V, 5V and 5.1V-output models use the synchronous-rectifier configuration shown above.
12V, 15V, {12V and {15V-output models employ a standard, diode-rectification architecture.
Dual Output
+Vo
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
OVP
A
A
Single Output
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
+Vo
OVP
A
Block Diagram
I/O Isolation
1500
VDC
Wide Range
2:1
EN55022
EMI
More Power
High
Power
Density
Protection
OVP
Minmax's MIW5000-Series power modules operate over input
voltage ranges of 9-18VDC, 18-36VDC and 36-75VDC which
provide precisely regulated output voltages of 2.5V, 3.3V, 5V, 5.1V,
12V, 15V, {12V and {15VDC.
The MIW5000 series is an excellent selection for data
communication equipments, mobile battery driven equipments,
distributed power systems, telecommunication equipments, mixed
analog/digital subsystems, process/machine control equipments,
computer peripheral systems and industrial robot systems.
The modules have a maximum power rating of 10W and a typical
full-load efficiency of 88%, continuous short circuit, 50mA output
ripple, EN55022 Class A conducted noise compliance minimize
design-in time, cost and eliminate the need for external filtering
.
Internal SMD Construction
UL 94V-0 Package Material
Industry Standard Pinout
Over Voltage Protection
Complies with EN55022 Class A
CSA1950 Safety Approval
2:1 Wide Input Range
MTBF > 1,000,000 Hours
1500VDC Isolation
High Efficiency up to 88%
Key Features
10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW5000 Series
REV:0 2005/04
MINMAX
1


Similar Part No. - MIW5021

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MIW50N65F MCC-MIW50N65F Datasheet
1Mb / 10P
   Trench and Field Stop IGBT 650V 50A
Rev.3-3-04152022
MIW50N65F-BP MCC-MIW50N65F-BP Datasheet
1Mb / 10P
   Trench and Field Stop IGBT 650V 50A
Rev.3-3-04152022
More results

Similar Description - MIW5021

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1500 MINMAX-MIW1500 Datasheet
221Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1200 MINMAX-MIW1200 Datasheet
235Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW3000 TOTAL-POWER-MIW3000 Datasheet
245Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW1000 MINMAX-MIW1000 Datasheet
238Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com