Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSAU403 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MSAU403
Description  2W, Miniature SMD, Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU403 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MSAU403 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU403 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU403 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU403 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSAU403 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSAU403 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
K Hours
---
---
2000
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
120
100
70
Switching Frequency
pF
100
60
---
100KHz,1V
Isolation Capacitance
G[
---
---
10
500VDC
Isolation Resistance
VDC
---
---
1100
Flash Tested for 1 Second
Isolation Voltage Test
VDC
---
---
1000
60 Seconds
Isolation Voltage
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
0.5 Second Max.
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
---
---
120
Over Load
mV rms
5
---
---
Ripple & Noise (20MHz)
mV P-P
150
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
75
50
---
Ripple & Noise (20MHz)
%
See Model Selection Guide
Io=20% to 100%
Load Regulation
%
{1.5
{1.2
---
For Vin Change of 1%
Line Regulation
%
{1.0
{0.1
---
Dual Output, Balanced Loads
Output Voltage Balance
%
{4.0
{1.5
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
# For each output
uF
4.7
4.7
10
10
47
Maximum Capacitive Load
Unit
{15V #
{12V #
{5V #
12V
5V
Models by Vout
Capacitive Load
200mA Slow - Blow Type
500mA Slow - Blow Type
1000mA Slow - Blow Type
24V Input Models
12V Input Models
5V Input Models
Input Fuse Selection Guide
Derating Curve
]
Ambient Temperature
0
20
40
60
80
100
-25
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
MSAU400 Series
REV:0 2005/04
MINMAX
3


Similar Part No. - MSAU403

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSAU403 MINMAX-MSAU403 Datasheet
272Kb / 4P
   DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
MSAU403 MINMAX-MSAU403 Datasheet
434Kb / 4P
   DC/DC CONVERTER 2W, SMD-Package
logo
Total Power Internation...
MSAU403 TOTAL-POWER-MSAU403 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Similar Description - MSAU403

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU400 MINMAX-MSLU400 Datasheet
188Kb / 7P
   2W, Miniature SMD, Single & Dual Output DC/DC Converters
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
LF200D MPD-LF200D Datasheet
234Kb / 2P
   Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
   2W, Single Output Ultra-Miniature SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
   Ultra-Miniature, 2W Single Output SMT DC/DC Converters
logo
SL Power Electronics
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
   2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com