Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW3034 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MKW3034
Description  20W, Wide Input Range, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW3034 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MKW3034 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW3034 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW3034 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW3034 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW3034 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW3034 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKW3034 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKW3034 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
89
{18
471
{40
{670
{15
MKW3047
89
{15
469
{50
{835
{12
MKW3046
89
18
471
80
1340
15
MKW3044
89
15
469
100
1670
12
MKW3043
85
6.8
490
240
4000
5
MKW3042
82
3.9
20
10
335
240
4000
3.3
48
( 36 ~ 75 )
MKW3041
89
{18
941
{40
{670
{15
MKW3037
89
{15
938
{50
{835
{12
MKW3036
89
18
941
80
1340
15
MKW3034
89
15
938
100
1670
12
MKW3033
85
6.8
980
240
4000
5
MKW3032
82
3.9
30
17
671
240
4000
3.3
24
( 18 ~ 36 )
MKW3031
88
{18
1903
{40
{670
{15
MKW3027
88
{15
1898
{50
{835
{12
MKW3026
88
18
1903
80
1340
15
MKW3024
88
15
1898
100
1670
12
MKW3023
84
6.8
1984
240
4000
5
MKW3022
81
3.9
50
30
1358
240
4000
3.3
12
( 9 ~ 18 )
MKW3021
% (Typ.)
VDC
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Over
Voltage
Protection
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
EN55022 Class A
Conducted EMI
Six-Sided Shielded, Metal Case
RFI
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-50
Storage Temperature
]
+105
-40
Case
Operating Temperature
]
+50
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
mW
4,500
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
100
-0.7
48VDC Input Models
VDC
50
-0.7
24VDC Input Models
VDC
25
-0.7
12VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Notes :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of 75%
to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. These power converters require a minimum output
loading to maintain specified regulation.
5. Operation under no-load conditions will not
damage these modules; however, they may not
meet all specifications listed.
6. All DC/DC converters should be externally fused at
the front end for protection.
7. Other input and output voltage may be available,
please contact factory.
8. Specifications subject to change without notice.
9. To order the converter without Remote On/Off
function, please add a suffix -N
(e.g.MKW3021-N).
Absolute Maximum Ratings
MKW3000 Series
2
MINMAX
REV:0 2005/04


Similar Part No. - MKW3034

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW3034 TOTAL-POWER-MKW3034 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW3034 MINMAX-MKW3034 Datasheet
938Kb / 5P
   DC/DC CONVERTER 20W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
logo
Total Power Internation...
MKW3034 TOTAL-POWER-MKW3034 Datasheet
758Kb / 5P
   Wide 2:1 Input Range
More results

Similar Description - MKW3034

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
   Wide Input Range Single Output DC-DC Converters
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
   Wide Input Range Single Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW2500 MINMAX-MKW2500 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
A400RU MPD-A400RU Datasheet
175Kb / 2P
   Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com