Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW5040 Datasheet(PDF) 8 Page - Minmax Technology Co., Ltd.

Part # MKW5040
Description  25-30W, Wide Input Range, Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW5040 Datasheet(HTML) 8 Page - Minmax Technology Co., Ltd.

  MKW5040 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW5040 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW5040 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW5040 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW5040 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW5040 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKW5040 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKW5040 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
The MKW5000 converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical
characteristics over a wide temperature range or in high humidity environments.
The encapsulant and unit case are both rated to UL 94V-0 flammability specifications.
Leads are tin plated for improved solderability.
32g
:
Weight
Trim
6
-Vout
5
+Vout
4
Aluminum Anodizing Treatment in
Black
:
Case Material
Remote On/Off
3
-Vin
2
2.0*1.0*0.4 inches
+Vin
1
50.8*25.4*10.2 mm
:
Case Size
Function
Pin
Physical Characteristics
Pin Connections
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
25.4 [1.0]
10.16 [0.4]
15.24 [0.6]
5.08 [0.2]
10.20 [0.4]
10.16 [0.4]
20.32 [0.8]
1
2
3
4
5
6
Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
Mechanical Dimensions
MKW5000 Series
8
MINMAX
REV:0 2005/04


Similar Part No. - MKW5040

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW5040 TOTAL-POWER-MKW5040 Datasheet
67Kb / 8P
   25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW5040 MINMAX-MKW5040 Datasheet
357Kb / 5P
   DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
MKW5040 MINMAX-MKW5040 Datasheet
447Kb / 6P
   DC/DC CONVERTER 30W
logo
Total Power Internation...
MKW5040 TOTAL-POWER-MKW5040 Datasheet
496Kb / 5P
   Wide 2:1 Input Range
More results

Similar Description - MKW5040

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
   Wide Input Range Single Output DC-DC Converters
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
   Wide Input Range Single Output DC/DC Converters
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-30W MURATA-MDC_UEI-30W Datasheet
286Kb / 11P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com