Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW2539 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MKW2539
Description  15W, Wide Input Range, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW2539 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MKW2539 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW2539 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW2539 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW2539 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW2539 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW2539 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MKW2539 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MKW2539 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual Output
+Vo
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
Single Output
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
+Vo
Block Diagram
Remote on/off
EN55022
EMI
I/O Isolation
1500
VDC
More Power
High
Power
Density
Wide Range
2:1
Minmax's MKW2500 series, comprising 21 different models, has
been conceived as an application specific range of DC/DC converters,
specially addressing data communication equipments, mobile battery
driven equipments, distributed power systems, telecommunication
equipments, mixed analog/digital subsystems, process/machine control
equipments, computer peripheral systems and industrial robot systems.
Packing up to 15W of power into a 2x1x0.4 inch package, with
efficiency as high as 86%, the MKW2500 has wide input ranges of
9-18VDC, 18-36VDC and 36-75VDC which is available in output
voltages of 3.3V, 5V, 5.1V, 12V, 15V, {12V and {15VDC.
Other feathers include continuous short circuit protection, remote
on/off, six-sided shielded case and EN55022 Class A conducted noise
compliance minimize design-in time, cost and eliminate the need for
external filtering.
Internal SMD Construction
UL 94V-0 Package Material
Remote On/Off Control
Six-Sided Shielding
Complies with EN55022 Class A
CSA1950 Safety Approval
2:1 Wide Input Range
MTBF > 700,000 Hours
1500VDC Isolation
Efficiency up to 86%
Key Features
15W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW2500 Series
REV:0 2005/04
MINMAX
1


Similar Part No. - MKW2539

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2539 MINMAX-MKW2539 Datasheet
316Kb / 5P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
logo
Total Power Internation...
MKW2539 TOTAL-POWER-MKW2539 Datasheet
439Kb / 5P
   Wide 2:1 Input Range
More results

Similar Description - MKW2539

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW2600 MINMAX-MKW2600 Datasheet
240Kb / 8P
   15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
B1500RU MPD-B1500RU Datasheet
264Kb / 2P
   Ultra-Wide Input 15W Single & Dual Output DC/DC Converters
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
   Wide Input Range Single Output DC-DC Converters
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
   Wide Input Range Single Output DC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com