Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIW5046 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MIW5046
Description  10W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW5046 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MIW5046 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW5046 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW5046 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW5046 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW5046 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW5046 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW5046 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW5046 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pi Filter
Input Filter
mW
2500
---
---
Short Circuit Input Power
A
0.5
---
---
All Models
Reverse Polarity Input Current
34
---
---
48V Input Models
17
---
---
24V Input Models
8.5
---
---
12V Input Models
Under Voltage Shutdown
36
33
30
48V Input Models
18
16
14
24V Input Models
VDC
9
8
7
12V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
K Hours
---
---
1000
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
---
400
---
Switching Frequency
pF
1200
1000
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
1650
Flash Tested for 1 Second
Isolation Voltage Test
VDC
---
---
1500
60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
Continuous
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
{5
{3
---
Transient Response Deviation
uS
500
250
---
25% Load Step Change
Transient Recovery Time
%
180
150
110
Over Power Protection
mV rms
15
---
---
Ripple & Noise (20MHz)
mV P-P
100
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
85
50
---
Ripple & Noise (20MHz)
%
{1.5
{0.7
---
Io=10% to 100% (only 2.5Vout)
Load Regulation
%
{1.2
{0.5
---
Io=10% to 100%
Load Regulation
%
{1.0
{0.3
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{0.5
---
Dual Output, Balanced Loads
Output Voltage Balance
%
{1.2
{0.6
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
# For each output
uF
150
220
470
820
2200
2200
2200
2200
Maximum Capacitive Load
Unit
{15V #
{12V #
15V
12V
5.1V
5V
3.3V
2.5V
Models by Vout
Capacitive Load
500mA Slow-Blow type
1000mA Slow-Blow type
2000mA Slow-Blow type
48V Input Models
24V Input Models
12V Input Models
Input Fuse Selection Guide
MIW5000 Series
REV:0 2005/04
MINMAX
3


Similar Part No. - MIW5046

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MIW50N65F MCC-MIW50N65F Datasheet
1Mb / 10P
   Trench and Field Stop IGBT 650V 50A
Rev.3-3-04152022
MIW50N65F-BP MCC-MIW50N65F-BP Datasheet
1Mb / 10P
   Trench and Field Stop IGBT 650V 50A
Rev.3-3-04152022
More results

Similar Description - MIW5046

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1500 MINMAX-MIW1500 Datasheet
221Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1200 MINMAX-MIW1200 Datasheet
235Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW3000 TOTAL-POWER-MIW3000 Datasheet
245Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW1000 MINMAX-MIW1000 Datasheet
238Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com