Electronic Components Datasheet Search |
|
MIW1227 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd. |
|
MIW1227 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd. |
2 / 8 page 83 75 {10 {100 {15 MIW1247 84 74 {12.5 {125 {12 MIW1246 80 65 {25 {250 {5 MIW1245 86 73 20 200 15 MIW1244 85 74 25 250 12 MIW1243 82 64 50 500 5 MIW1242 78 15 4 53 60 600 3.3 48 ( 36 ~ 75 ) MIW1241 82 152 {10 {100 {15 MIW1237 82 152 {12.5 {125 {12 MIW1236 78 134 {25 {250 {5 MIW1235 84 149 20 200 15 MIW1234 83 150 25 250 12 MIW1233 80 130 50 500 5 MIW1232 76 15 8 109 60 600 3.3 24 ( 18 ~ 36 ) MIW1231 78 321 {10 {100 {15 MIW1227 80 313 {12.5 {125 {12 MIW1226 76 274 {25 {250 {5 MIW1225 81 309 20 200 15 MIW1224 82 305 25 250 12 MIW1223 78 267 50 500 5 MIW1222 75 15 30 220 60 600 3.3 12 ( 9 ~ 18 ) MIW1221 % (Typ.) mA (Typ.) mA (Typ.) mA (Typ.) mA mA VDC VDC @Max. Load @No Load @Max. Load Min. Max. Efficiency Reflected Ripple Current Input Current Output Current Output Voltage Input Voltage Model Number Model Selection Guide EN55022 Class A Conducted EMI Free-Air Convection Cooling % 95 --- Humidity ] +125 -40 Storage Temperature ] +90 -40 Case Operating Temperature ] +71 -40 Ambient Operating Temperature Unit Max. Min. Conditions Parameter Environmental Specifications Exceeding the absolute maximum ratings of the unit could cause damage. These are not continuous operating ratings. mW 2,500 --- Internal Power Dissipation ] 260 --- Lead Temperature (1.5mm from case for 10 Sec.) VDC 100 -0.7 48VDC Input Models VDC 50 -0.7 24VDC Input Models VDC 25 -0.7 12VDC Input Models Input Surge Voltage ( 1000 mS ) Unit Max. Min. Parameter Notes : 1. Specifications typical at Ta=+25], resistive load, nominal input voltage, rated output current unless otherwise noted. 2. Transient recovery time is measured to within 1% error band for a step change in output load of 50% to 100%. 3. Ripple & Noise measurement bandwidth is 0-20 MHz. 4. These power converters require a minimum output loading to maintain specified regulation. 5. Operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed. 6. All DC/DC converters should be externally fused at the front end for protection. 7. Other input and output voltage may be available, please contact factory. 8. Specifications subject to change without notice. Absolute Maximum Ratings MIW1200 Series 2 MINMAX REV:0 2005/04 |
Similar Part No. - MIW1227 |
|
Similar Description - MIW1227 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |