Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZY082 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MAZY082
Description  Silicon planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZY082 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MAZY082 Datasheet HTML 1Page - Panasonic Semiconductor MAZY082 Datasheet HTML 2Page - Panasonic Semiconductor MAZY082 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Zener Diodes
MAZY000 Series
Ptot  Ta
IZ  VZ
IZ  VZ
IZ  VZ
SZ  VZ
IZ  VZ
Rth  t
0
0
240
120
160
80
200
40
0.5
1.0
1.5
Ambient temperature T
a
(
°C)
Heat sink: Alumina board
Copper foil 2 mm
× 2 mm
10−3
2468
10
12
0
10−2
10−1
1
10
102
Zener voltage V
Z
(V)
Ta
= 25°C
10−3
12
14
16
18
20
22
10−2
10−1
1
10
102
Zener voltage V
Z
(V)
Ta
= 25°C
10−3
24
28
32
36
40
44
10−2
10−1
1
10
102
Zener voltage V
Z
(V)
Ta
= 25°C
10−3
44
48
52
56
60
64
10−2
10−1
1
10
102
Zener voltage V
Z
(V)
Ta
= 25°C
−0.04
−0.02
0
0.02
0.04
0.06
0.08
0.10
0.12
−20
−10
0
10
20
30
40
50
60
0
1020304050
60
Zener voltage V
Z
(V)
% /
°C
mV /
°C
1
0.1
0.01
0.003
1
0.1
10
1 000
100
Time t (s)
Heat sink: Alumina board
Copper foil 2 mm
× 2 mm
With head sink
Without heat sink


Similar Part No. - MAZY082

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZY082 PANASONIC-MAZY082 Datasheet
92Kb / 4P
   Silicon planar type For stabilization of power supply
More results

Similar Description - MAZY082

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com