Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ4036-L Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MAZ4036-L
Description  Silicon planar type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ4036-L Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MAZ4036-L Datasheet HTML 1Page - Panasonic Semiconductor MAZ4036-L Datasheet HTML 2Page - Panasonic Semiconductor MAZ4036-L Datasheet HTML 3Page - Panasonic Semiconductor MAZ4036-L Datasheet HTML 4Page - Panasonic Semiconductor MAZ4036-L Datasheet HTML 5Page - Panasonic Semiconductor MAZ4036-L Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Zener Diodes
4
MAZ4220
20.8
22
23.3
20.3
MAZ4220-L
20.8
21.3 21.86
15 0.05
20.3
60
20 5.5
0.5 180 16.4 18.4 20
34
60
Red
Red
MAZ4220-M
21.45
22
22.55
20.9
MAZ4220-H
22.1
22.7 23.24
21.6
MAZ4240
22.8
24
25.6
22.3
MAZ4240-L
22.8
23.3 23.97
17 0.05
22.3
60
25
70
0.5 180 18.4 20.4 22
33
55
Red
Yellow
MAZ4240-M
23.5
24
24.7
23
MAZ4240-H
24.35
25
25.6
23.8
Part Number
Zener voltage
Reverse current
Operating resistance
VZ (V)
IR1 (
µA) I
R2 (
µA) R
Z (
Ω)R
ZK (
Ω)S
Z (mV/
°C)
IZ = 5 mA
VR
VR
IZ = 5 mA IZ
IZ = 5 mA
Min
Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
1st.
2nd.
3rd.
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ Max
MAZ4000 Series
MAZ4270
25.1
27
28.9
24.8
MAZ4270-L
25.3
26
26.7
19 0.05
24.8
60
25
80
0.5 200 21.4 23.4 25.3 30
50
Red
Purple
MAZ4270-M
26.3
27
27.7
25.8
MAZ4270-H
27.3
28
28.7
26.8
MAZ4300
28
30
32
27.8
MAZ4300-L
28.3
29
29.7
21 0.05
27.8
60
30
80
0.5 200 24.4 26.6 29.4 27
50 Orange Black
MAZ4300-M
29.3
30
30.8
28.8
MAZ4300-H
30.2
31
31.8
29.7
MAZ4330
31
33
35
30.7
MAZ4330-L
31.2
32
32.8
23 0.05
30.7
60
35
80
0.5 200 27.4 29.7 33.4 25
45 Orange Orange
MAZ4330-M
32.2
33
33.8
31.7
MAZ4330-H
33.2
34
34.9
32.7
MAZ4360
34
36
38
33.6
MAZ4360-L
34.1
35
35.9
25 0.05
33.6
60
35
90
0.5 200 30.4 33 37.4 23
45 Orange Blue
MAZ4360-M
35.1
36
36.9
34.6
MAZ4360-H
36.1
37
37.9
35.6
MAZ4390
37
41
36
MAZ4390-L
37.1
39
27 0.05
36
60
 130 0.5 250 33.4 36.4 41.2 21 45 Orange White
MAZ4390-M
38
40
36
MAZ4390-H
39
41
36
•V
Z = 27 V to 39 V (IZ = 2 mA)
Part Number
Zener voltage
Reverse current
Operating resistance
VZ (V)
IR1 (
µA) I
R2 (
µA) R
Z (
Ω)R
ZK (
Ω)S
Z (mV/
°C)
IZ = 2 mA
VR
VR
IZ = 2 mA IZ
IZ = 2 mA
Min
Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
1st.
2nd.
3rd.
Ct (pF)
(VR = 0 V)
f = 1 MHz
Typ Max
Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25
°C.
2. The zener voltage temperature coefficient is the one for Tj = 25
°C to 150°C.
I Electrical characteristics within part numbers (continued) T
a
= 25°C
•V
Z = 22 V to 24 V (IZ = 5 mA)
Temperature
coefficient of
zener voltage
Terminal
capaci-
tance
Marking
Color indication
Main body:
Yellowish green



Temperature
coefficient of
zener voltage
Terminal
capaci-
tance
Marking
Color indication
Main body:
Yellowish green





Similar Part No. - MAZ4036-L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ4036 PANASONIC-MAZ4036 Datasheet
107Kb / 7P
   Silicon planar type
MAZ4036 PANASONIC-MAZ4036 Datasheet
117Kb / 5P
   Zener Diodes Silicon planar type
MAZ4036 PANASONIC-MAZ4036 Datasheet
104Kb / 7P
   Silicon planar type
MAZ40360H PANASONIC-MAZ40360H Datasheet
107Kb / 7P
   Silicon planar type
MAZ40360H PANASONIC-MAZ40360H Datasheet
104Kb / 7P
   Silicon planar type
More results

Similar Description - MAZ4036-L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com