Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIR516 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MIR516
Description  2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIR516 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MIR516 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIR516 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIR516 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIR516 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIR516 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIR516 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Derating Curve
]
Ambient Temperature
0
20
40
60
80
100
-25
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
Efficiency vs Output Load ( Dual Output )
Efficiency vs Output Load ( Single Output )
20
30
40
50
60
70
80
90
Load Current (%)
100
60
40
20
10
80
20
30
40
50
60
70
80
90
Load Current (%)
100
60
40
20
10
80
Efficiency vs Input Voltage ( Dual Output )
Efficiency vs Input Voltage ( Single Output )
30
40
50
60
70
80
Input Voltage (V)
Nom
Low
High
30
40
50
60
70
80
Input Voltage (V)
Nom
Low
High
MIR500 Series
4
MINMAX
REV:0 2005/04


Similar Part No. - MIR516

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIR516 TOTAL-POWER-MIR516 Datasheet
433Kb / 6P
   2 Watts High In/Out Isolation DIP DC/DC Converters Single and Dual Outputs
More results

Similar Description - MIR516

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDHU100 MINMAX-MDHU100 Datasheet
172Kb / 7P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
S2E00 MINMAX-S2E00 Datasheet
237Kb / 6P
   1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
A200RI MPD-A200RI Datasheet
80Kb / 2P
   High Isolation, 2W & 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIHW3000 MINMAX-MIHW3000 Datasheet
173Kb / 8P
   5-6W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
S200R MINMAX-S200R Datasheet
233Kb / 6P
   2W, Low Cost DIP, Single & Dual Output DC/DC Converters
S2D00R MINMAX-S2D00R Datasheet
224Kb / 6P
   2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A100HI MPD-A100HI Datasheet
202Kb / 2P
   Ultra-High Isolation, 1.5W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPB TOPPOWER-TPB_19 Datasheet
667Kb / 2P
   2W 3KVDC Isolation Regulated Single Output DC/DC Converters
logo
Minmax Technology Co., ...
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com