Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAU201 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MAU201
Description  1W, High Isolation SIP, Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MAU201 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MAU201 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MAU201 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MAU201 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MAU201 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MAU201 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MAU201 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
K Hours
---
---
2000
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
120
100
70
Switching Frequency
pF
100
60
---
100KHz,1V
Isolation Capacitance
G[
---
---
10
500VDC
Isolation Resistance
VDC
---
---
3300
Flash Tested for 1 Second
Isolation Voltage Test
VDC
---
---
3000
60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
0.5 Second Max.
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
---
---
120
Over Load
mV rms
5
---
---
Ripple & Noise (20MHz)
mV P-P
150
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
100
65
---
Ripple & Noise (20MHz)
%
See Model Selection Guide
Io=20% to 100%
Load Regulation
%
{1.5
{1.2
---
For Vin Change of 1%
Line Regulation
%
{1.0
{0.1
---
Dual Output, Balanced Loads
Output Voltage Balance
%
{3.0
{1.0
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
Internal Capacitor
Input Filter
A
0.3
---
---
All Models
Reverse Polarity Input Current
26.4
24
21.6
24V Input Models
13.2
12
10.8
12V Input Models
VDC
5.5
5
4.5
5V Input Models
Input Voltage Range
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
# For each output
uF
100
100
100
100
220
220
220
220
220
Maximum Capacitive Load
Unit
{15V #
{12V #
{9V #
{5V #
15V
12V
9V
5V
3.3V
Models by Vout
Capacitive Load
100mA Slow - Blow Type
200mA Slow - Blow Type
500mA Slow - Blow Type
24V Input Models
12V Input Models
5V Input Models
Input Fuse Selection Guide
MAU200 Series
REV:0 2005/04
MINMAX
3


Similar Part No. - MAU201

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU201 TOTAL-POWER-MAU201 Datasheet
166Kb / 4P
   MAU200 Series 1 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
Minmax Technology Co., ...
MAU201 MINMAX-MAU201 Datasheet
527Kb / 4P
   DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MAU201 MINMAX-MAU201 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Total Power Internation...
MAU201 TOTAL-POWER-MAU201 Datasheet
462Kb / 4P
   SIP Package with Industry Standard Pinout
More results

Similar Description - MAU201

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
   1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MAU400 TOTAL-POWER-MAU400 Datasheet
338Kb / 6P
   1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
DM100E MPD-DM100E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
D100I MPD-D100I Datasheet
201Kb / 2P
   High Isolation Miniature, 1W SIP DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com