Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIW1144 Datasheet(PDF) 8 Page - Minmax Technology Co., Ltd.

Part # MIW1144
Description  3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW1144 Datasheet(HTML) 8 Page - Minmax Technology Co., Ltd.

  MIW1144 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW1144 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW1144 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW1144 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW1144 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW1144 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW1144 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW1144 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
The MIW1100 converter is encapsulated in a low thermal resistance molding compound that has excellent resistance/electrical
characteristics over a wide temperature range or in high humidity environments.
The encapsulant and unit case are both rated to UL 94V-0 flammability specifications.
Leads are tin plated for improved solderability.
NC: No Connection
+Vin
+Vin
24
-Vout
NC
23
Common
NC
22
Common
-Vout
15
+Vout
+Vout
14
UL94V-0
:
Flammability
-Vin
-Vin
13
-Vin
-Vin
12
12.4g
:
Weight
+Vout
+Vout
11
Common
-Vout
10
Non-Conductive Black Plastic
:
Case Material
Common
NC
3
-Vout
NC
2
1.25*0.80*0.40 inches
+Vin
+Vin
1
31.8*20.3*10.2 mm
:
Case Size
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
Dual Output
Single Output
31.8 [1.25]
Bottom
Side
12 3
11
10
12
15 14 13
24
22
23
2.3 [0.09]
0.50 [0.020]
2.54 [0.100]
Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
Mechanical Dimensions
MIW1100 Series
8
MINMAX
REV:0 2005/04


Similar Part No. - MIW1144

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW1144 TOTAL-POWER-MIW1144 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MIW1144 MINMAX-MIW1144 Datasheet
288Kb / 5P
   DC/DC CONVERTER 3W, DIP-24 Plastic Package
MIW1144 MINMAX-MIW1144 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
More results

Similar Description - MIW1144

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1500 MINMAX-MIW1500 Datasheet
221Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1200 MINMAX-MIW1200 Datasheet
235Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1000 MINMAX-MIW1000 Datasheet
238Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2300 MINMAX-MIW2300 Datasheet
182Kb / 8P
   2-3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1300 MINMAX-MIW1300 Datasheet
234Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com