Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAU109 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MAU109
Description  1W, Miniature SIP, Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MAU109 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MAU109 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MAU109 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MAU109 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MAU109 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MAU109 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MAU109 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dual Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
Com.
-Vo
Single Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
Block Diagram
Low Profile
I/O Isolation
1000
VDC
Low Cost
$
Minmax's MAU100 1W DC/DC's are specially designed to
provide the optimum cost/benefit power solution in a miniature
SIP package.
The series consists of 33 models with input voltages of
5V, 12V, 15V and 24VDC which offers standard output
voltages of 3.3V, 5V, 9V, 12V, 15V, ±5V, ±9V, ±12V and
±15VDC for a wide choice.
The MAU100 series is an excellent selection for a variety
of applications including distributed power systems, mixed
analog/digital subsystems, portable test equipments, local
power networks and battery backed systems.
Industry Standard Pinout
Internal SMD Construction
UL 94V-0 Package Material
Temperature Performance -40] to +85]
Output 3.3,5,9,12,15,{5,{9,{12 and {15VDC
Input 5, 12, 15 and 24VDC
Low Cost
MTBF > 2,000,000 Hours
1000VDC Isolation
Efficiency up to 81%
Key Features
1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU100 Series
REV:0 2005/04
MINMAX
1


Similar Part No. - MAU109

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAU109 ETC-MAU109 Datasheet
69Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
logo
Total Power Internation...
MAU109 TOTAL-POWER-MAU109 Datasheet
309Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
Minmax Technology Co., ...
MAU109 MINMAX-MAU109 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MAU109 MINMAX-MAU109 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Total Power Internation...
MAU109 TOTAL-POWER-MAU109 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
More results

Similar Description - MAU109

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
E100 MPD-E100 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
DM100E MPD-DM100E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100E MPD-D100E Datasheet
183Kb / 2P
   Low Cost, 1W SIP Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com