Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIW1145 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MIW1145
Description  3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW1145 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MIW1145 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW1145 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW1145 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW1145 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW1145 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW1145 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW1145 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW1145 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
K Hours
---
---
1000
MIL-HDBK-217F @ 25], Ground Benign
MTBF
KHz
---
300
---
Switching Frequency
pF
150
---
---
100KHz,1V
Isolation Capacitance
M[
---
---
1000
500VDC
Isolation Resistance
VDC
---
---
1650
Flash Tested for 1 Second
Isolation Voltage Test
VDC
---
---
1500
60 Seconds
Isolation Voltage Rated
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
Continuous
Output Short Circuit
%/]
{0.02
{0.01
---
Temperature Coefficient
%
{5
{3
---
Transient Response Deviation
uS
500
300
---
25% Load Step Change
Transient Recovery Time
%
---
---
120
Over Power Protection
mV rms
15
---
---
Ripple & Noise (20MHz)
mV P-P
100
---
---
Over Line, Load & Temp.
Ripple & Noise (20MHz)
mV P-P
60
45
---
Ripple & Noise (20MHz)
%
{0.5
{0.2
---
Io=10% to 100%
Load Regulation
%
{0.5
{0.2
---
Vin=Min. to Max.
Line Regulation
%
{2.0
{0.5
---
Dual Output, Balanced Loads
Output Voltage Balance
%
{2.0
{0.5
---
Output Voltage Accuracy
Unit
Max.
Typ.
Min.
Conditions
Parameter
Output Specifications
Pi Filter
Input Filter
mW
1500
1000
---
Short Circuit Input Power
A
1
---
---
All Models
Reverse Polarity Input Current
34
22
---
48V Input Models
17
11
---
24V Input Models
8.5
6.5
---
12V Input Models
4
3.5
---
5V Input Models
Under Voltage Shutdown
36
24
16
48V Input Models
18
12
8
24V Input Models
9
7
4.5
12V Input Models
VDC
4.5
4
3.5
5V Input Models
Start Voltage
Unit
Max.
Typ.
Min.
Model
Parameter
Input Specifications
# For each output
uF
1000
1000
2000
2000
2000
Maximum Capacitive Load
Unit
{15V #
{12V #
15V
12V
5V
Models by Vout
Capacitive Load
MIW1100 Series
REV:0 2005/04
MINMAX
3


Similar Part No. - MIW1145

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW1145 TOTAL-POWER-MIW1145 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MIW1145 MINMAX-MIW1145 Datasheet
288Kb / 5P
   DC/DC CONVERTER 3W, DIP-24 Plastic Package
MIW1145 MINMAX-MIW1145 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
More results

Similar Description - MIW1145

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1500 MINMAX-MIW1500 Datasheet
221Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1200 MINMAX-MIW1200 Datasheet
235Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1000 MINMAX-MIW1000 Datasheet
238Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2300 MINMAX-MIW2300 Datasheet
182Kb / 8P
   2-3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1300 MINMAX-MIW1300 Datasheet
234Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com