Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBU100 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MBU100
Description  1W, Ultra Miniature SIP, Single Output DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MBU100 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MBU100 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MBU100 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MBU100 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MBU100 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MBU100 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MBU100 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
Block Diagram
Low Profile
I/O Isolation
1000
VDC
Low Cost
$
Taking up as little as 0.18 square inches of board space,
Minmax's MBU100 1W DC/DC's are specially designed to
provide power distribution applications where space is critical
in an ultra-miniature SIP package.
The series consists of 12 models with input voltages of
5V, 12V and 24VDC which offers standard single output
voltages of 5V, 9V, 12V, 15VDC.
The MBU100 series is an excellent selection for a variety
of applications including distributed power systems, mixed
analog/digital subsystems, portable test equipments, local
power networks and battery backed systems.
Industry Standard Pinout
Internal SMD Construction
UL 94V-0 Package Material
Temperature Performance -40] to +75]
Output 5, 9, 12 and 15VDC
Input 5, 12 and 24VDC
Low Cost
MTBF > 2,000,000 Hours
1000VDC Isolation
Efficiency up to 80%
Key Features
1W, Ultra Miniature SIP, Single Output DC/DC Converter
MBU100 Series
REV:0 2005/04
MINMAX
1


Similar Part No. - MBU100

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MBU100 TOTAL-POWER-MBU100 Datasheet
138Kb / 4P
   MBU100 SERIES 1WATT ULTRA MINIATURE HIGH SIP DC/DC CONVERTERS
logo
Minmax Technology Co., ...
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
   DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Total Power Internation...
MBU100 TOTAL-POWER-MBU100_17 Datasheet
479Kb / 4P
   Miniature SIP-Package with Industry Standard Pinout
More results

Similar Description - MBU100

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
E100 MPD-E100 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MPL-01SE MPD-MPL-01SE Datasheet
394Kb / 2P
   Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
LF100S MPD-LF100S Datasheet
477Kb / 4P
   Ultra-Miniature, 1W Single Output SMT DC/DC Converters
E100E MPD-E100E Datasheet
230Kb / 2P
   Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
   Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
E100EI MPD-E100EI Datasheet
266Kb / 2P
   1W, High Isolation Ultra-Miniature SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC400 MPSIND-ADC400 Datasheet
171Kb / 2P
   1W, Ultra-High Isolation SIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com