Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAZ8033 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZ8033
Description  Silicon planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ8033 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZ8033 Datasheet HTML 1Page - Panasonic Semiconductor MAZ8033 Datasheet HTML 2Page - Panasonic Semiconductor MAZ8033 Datasheet HTML 3Page - Panasonic Semiconductor MAZ8033 Datasheet HTML 4Page - Panasonic Semiconductor MAZ8033 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Zener Diodes
MAZ8000 Series
Silicon planar type
For stabilization of power supply
I Features
• Extremely low noise voltage caused from the diode (2.4V to 39V,
1/3 to 1/10 of our conventional MAZ3000 series)
• Extremely good rising performance (in the low-current range)
• Easy-to-select the optimum diode because of their finely divided
zener-voltage ranks
• Guaranteed reliability, equivalent to that of conventional products
(Mini type package)
• Allowing to reduce the mounting area, thickness and weight sub-
stantially, compared with those of the conventional products
• Allowing both reflow and flow mode of automatic soldering
• Allowing automatic mounting by an existing chip mounter
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Repetitive peak forward current
IFRM
200
mA
Total power dissipation*
Ptot
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
I Common Electrical Characteristics T
a
= 25°C*1
Note) 1
.Rated input/output frequency: 5 MHz
2
.*1 : The VZ value is for the temperature of 25°C. In other cases, carry out the temperature compensation.
*2 : Guaranteed at 20 ms after power application.
*3 :Tj = 25°C to 150°C
1 : Anode
2 : Cathode
S-Mini Type Package (2-pin)
Note) * : With a printed-circuit board
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
0.9
1.0
V
Zener voltage*
2
VZ
IZ ·················· Specified value
V
Operating resistance
RZK
IZ ·················· Specified value
RZ
IZ ·················· Specified value
Reverse current
IR
VR ··············· Specified value
µA
Temperature coefficient of zener voltage*
3
SZ
IZ ·················· Specified value
mV/
°C
Refer to the list of the
electrical characteristics
within part numbers
1
2
KA
2.5
± 0.2
1.7
± 0.1
0.4
± 0.1
0.4
± 0.1
Marking Symbol
Refer to the list of the electrical
characteristics within part numbers
(Example) MAZ8082-H : 8^2
Note) L/M/H marked products will be sup-
plied unless other wise specified


Similar Part No. - MAZ8033

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8033 PANASONIC-MAZ8033 Datasheet
268Kb / 5P
   MAZ8xxx Series (MA8000 Series) Silicon planar type
MAZ8033 PANASONIC-MAZ8033 Datasheet
268Kb / 5P
   Silicon planar type For stabilization of power supply
MAZ8033G0L PANASONIC-MAZ8033G0L Datasheet
687Kb / 8P
   MAZ8xxxG Series
MAZ8033GHL PANASONIC-MAZ8033GHL Datasheet
687Kb / 8P
   MAZ8xxxG Series
MAZ8033GLL PANASONIC-MAZ8033GLL Datasheet
687Kb / 8P
   MAZ8xxxG Series
More results

Similar Description - MAZ8033

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com