Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2D01R Datasheet(PDF) 2 Page - Total Power International

Part # S2D01R
Description  S2D00R SERIES 2 - 3 WATT HIGH / IN ISOLATION DIP DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

S2D01R Datasheet(HTML) 2 Page - Total Power International

  S2D01R Datasheet HTML 1Page - Total Power International S2D01R Datasheet HTML 2Page - Total Power International S2D01R Datasheet HTML 3Page - Total Power International S2D01R Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
mW
3000
---
Internal Power Dissipation
VDC
55
-0.7
48VDC Input Models
VDC
30
-0.7
24VDC Input Models
VDC
15
-0.7
12VDC Input Models
VDC
7.5
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit.
Max.
Min.
Parameter
Absolute Maximum Ratings
Exceeding these values can damage the module.These are not continuous operating ratings.
Specifications typical at Ta=+25],resistive load,nominal input voltage,rated output current unless otherwise noted.
62
101
{100
{15
S2D20R
62
67
{83
{12
S2D19R
63
99
200
15
S2D18R
63
66
165
12
S2D17R
60
10
15
69
0
400
5
48
(43.2~52.8)
S2D16R
62
202
{100
{15
S2D15R
62
134
{83
{12
S2D14R
63
198
200
15
S2D13R
63
131
165
12
S2D12R
60
15
25
138
0
400
5
24
(21.6~26.4)
S2D11R
62
403
{100
{15
S2D10R
62
268
{83
{12
S2D09R
63
397
200
15
S2D08R
63
262
165
12
S2D07R
60
30
50
277
0
400
5
12
(10.8 ~13.2)
S2D06R
62
639
{66
{15
S2D05R
62
642
{83
{12
S2D04R
63
633
133
15
S2D03R
63
628
165
12
S2D02R
60
70
100
666
0
400
5
5
(4.75 ~ 5.25)
S2D01R
Efficiency
% (Typ.)
Reflected
Ripple
Current
mA (Typ.)
Input
Current
No Load
mA (Typ.)
Input
Current
Max. Load
mA (Typ.)
Output
Current
mA (Min.)
Output
Current
mA (Max.)
Output
Voltage
VDC
Input
voltage
VDC
Model
Number
Model Selection Guide
Free-Air Convection
Cooling
%
95
---
---
Humidity
]
+125
---
-40
Storage Temperature
]
+71
---
-25
Operating Temperature
Unit
Max.
Typ.
Min.
Conditions
Parameter
Environmental Specifications
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-
TOTAL POWER INT'L
S2D00R


Similar Part No. - S2D01R

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
S2D01R MINMAX-S2D01R Datasheet
224Kb / 6P
   2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
More results

Similar Description - S2D01R

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
S2D00R MINMAX-S2D00R Datasheet
224Kb / 6P
   2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIR500 TOTAL-POWER-MIR500 Datasheet
433Kb / 6P
   2 Watts High In/Out Isolation DIP DC/DC Converters Single and Dual Outputs
S2A00R TOTAL-POWER-S2A00R Datasheet
150Kb / 4P
   S2A00R SERIES 3 WATT LOW COST DIP DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
logo
Minmax Technology Co., ...
S2E00 MINMAX-S2E00 Datasheet
237Kb / 6P
   1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MIR500 MINMAX-MIR500 Datasheet
236Kb / 6P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MDHU100 MINMAX-MDHU100 Datasheet
172Kb / 7P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MIHW3000 MINMAX-MIHW3000 Datasheet
173Kb / 8P
   5-6W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW1000 TOTAL-POWER-MIW1000 Datasheet
162Kb / 4P
   MIW1000 SERIES 2-3 WATT INPUT RANGE DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
logo
Artesyn Technologies
PM700 ARTESYN-PM700 Datasheet
36Kb / 2P
   Single and dual output 3 Watt Nominal input DC/DC converters
logo
Intronics Power, Inc.
DC200 INTRONICS-DC200 Datasheet
284Kb / 1P
   1 and 2 WATT DUAL OUTPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com