Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2D03R Datasheet(PDF) 1 Page - Total Power International

Part # S2D03R
Description  S2D00R SERIES 2 - 3 WATT HIGH / IN ISOLATION DIP DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

S2D03R Datasheet(HTML) 1 Page - Total Power International

  S2D03R Datasheet HTML 1Page - Total Power International S2D03R Datasheet HTML 2Page - Total Power International S2D03R Datasheet HTML 3Page - Total Power International S2D03R Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Key Features
l I / O Isolation 3000VDC
l Regulated Outputs
l Low Cost
l Short Circuit Protected
l MTBF > 800,000 Hours
Mechanical Configuration
1.25 (31.8)
0.02 DIA
(0.5)
0.10
(2.54)
0.08
(2.0)
0.40
(10.2)
0.15 (3.8)
0.60
(15.2)
0.80
(20.3)
1
24
All dimensions typical in inches (mm). Tolerance= +/- 0.01 (+/- 0.25)
12
13
Bottom
Side
0.10 (2.54)
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
Com.
-Vo
Positive
Regulator
Negative
Regulator
LC
Filter
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
Low
Dropout
Regulator
LC
Filter
NC:No Connection.
-Input
-Input
23,24
+Onput
NC
15
NC
NC
14
-Output
+Output
13
NC
-Output
12
Common
NC
10,11
+Input
+Input
1,2
Dual Output
Single Output
Pin
Pin Connections
12g
Weight
Non-Conductive Black Plastic
Case Material
31.8*20.3*10.2 mm
1.25*0.8*0.4 inches
Case Size
Physical Characteristics
TOTAL POWER INT'L
S2D00R Series 2 ~ 3 Watt High/In Isolation DIP DC/DC Converters
Single & Dual Output
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-1-


Similar Part No. - S2D03R

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
S2D03R MINMAX-S2D03R Datasheet
224Kb / 6P
   2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
More results

Similar Description - S2D03R

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
S2D00R MINMAX-S2D00R Datasheet
224Kb / 6P
   2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIR500 TOTAL-POWER-MIR500 Datasheet
433Kb / 6P
   2 Watts High In/Out Isolation DIP DC/DC Converters Single and Dual Outputs
S2A00R TOTAL-POWER-S2A00R Datasheet
150Kb / 4P
   S2A00R SERIES 3 WATT LOW COST DIP DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
logo
Minmax Technology Co., ...
S2E00 MINMAX-S2E00 Datasheet
237Kb / 6P
   1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MIR500 MINMAX-MIR500 Datasheet
236Kb / 6P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MDHU100 MINMAX-MDHU100 Datasheet
172Kb / 7P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MIHW3000 MINMAX-MIHW3000 Datasheet
173Kb / 8P
   5-6W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW1000 TOTAL-POWER-MIW1000 Datasheet
162Kb / 4P
   MIW1000 SERIES 2-3 WATT INPUT RANGE DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
logo
Artesyn Technologies
PM700 ARTESYN-PM700 Datasheet
36Kb / 2P
   Single and dual output 3 Watt Nominal input DC/DC converters
logo
Intronics Power, Inc.
DC200 INTRONICS-DC200 Datasheet
284Kb / 1P
   1 and 2 WATT DUAL OUTPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com