Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL1085-2.85 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # PL1085-2.85
Description  3A Low Dropout Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL1085-2.85 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  PL1085-2.85 Datasheet HTML 1Page - Cystech Electonics Corp. PL1085-2.85 Datasheet HTML 2Page - Cystech Electonics Corp. PL1085-2.85 Datasheet HTML 3Page - Cystech Electonics Corp. PL1085-2.85 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C540J3
Issued Date : 2003.06.25
Revised Date :
Page No. : 1/4
PL1085J3
CYStek Product Specification
3A Low Dropout Positive Voltage Regulator
PL1085-XXXJ3
Features
Dropout Voltage 1.3V at 3A Output Current.
Fast Transient Response.
Extremely Tight Line and Load Regulation.
Current Limiting and Thermal Protection.
Adjustable Output Voltage or Fixed 1.5V, 1.8V, 2.5V, 2.85, 3.0V, 3.3V, 3.5V, 5.0V.
Standard 3-Pin Power Packages.
Description
The PL1085-XXXJ3 is a low dropout three terminal regulator with 3A output current capability. The output voltage is
adjustable with the use of a resistor divider or fixed 1.5V, 1.8V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V. Dropout voltage is
guaranteed to be at maximum of 1.3V with the maximum output current. Its low dropout voltage and fast transient response
make it ideal for low voltage microprocessor applications. Current limit and thermal protection provide protection against
any overload condition that would create excessive junction temperatures.
Applications
Mother Board I/O Power Supplies.
Microprocessor Power Supplies.
High Current Regulator.
Post Regulator for Switching Supply.
Typical Application Circuit
TO-252
VREF
Vin=5V
Vout=3.3V
C2
10μF
R1
125Ω
1%
R2
205Ω
1%
C1
10μF
ADJ
Adjustable Voltage Regulator
GND
VREF=VOUT-VADJ=1.25V(typ)
VOUT=VREF(1+R1/R2)+IADJ ×R2
IADJ=55µA(typ.)
(1)C1 needed if device is far
away from filter capacitors.
(2)C2 required for stability.
C2
10μF
C1
10μF
Fixed Voltage Regulator
Vout=3.3V
Vin=5V


Similar Part No. - PL1085-2.85

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1085-2.85 CYSTEKEC-PL1085-2.85 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-2.85 CYSTEKEC-PL1085-2.85 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-2.85E3 CYSTEKEC-PL1085-2.85E3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-2.85F3 CYSTEKEC-PL1085-2.85F3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
More results

Similar Description - PL1085-2.85

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com