Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL2951-XXQ8 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # PL2951-XXQ8
Description  100mA Low Dropout Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL2951-XXQ8 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  PL2951-XXQ8 Datasheet HTML 1Page - Cystech Electonics Corp. PL2951-XXQ8 Datasheet HTML 2Page - Cystech Electonics Corp. PL2951-XXQ8 Datasheet HTML 3Page - Cystech Electonics Corp. PL2951-XXQ8 Datasheet HTML 4Page - Cystech Electonics Corp. PL2951-XXQ8 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C503Q8
Issued Date : 2003.03.21
Revised Date :
Page No. : 3/5
PL2951Q8
CYStek Product Specification
Note 1:Output or reference voltage temperature coefficients defined as the worse case voltage change divided by the
total temperature range.
Note 2:Unless otherwise specified all limits guaranteed for TJ=25℃,Vin=Vo+1V,IL=100μA and CL=1μF.
Feedback pin tied to
–XX V tap pin and output tied to output sense (Vout=XX V) and Vshutdown≤0.8V.
Note 3.Regulations is measured at constant junction temperature, using pulse testing with a low duty cycle.
Changes in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 4:Line regulation is tested at 150 ℃ for IL=1mA. For IL=100μA and TJ=125 ℃, line regulation is guaranteed
by design to 0.2%.
Note 5:Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below
its nominal value measured at 1V differential. At very low values of programmed output voltage, the mini-
mum input supply voltage of 2V(2.3V over temperature) must be taken into account.
Note 6:Vref≤Vout≤(Vin-1V),2.3V≤Vin≤30V,100μA≤IL≤100mA,TJ≤TJMAX.
Note 7:Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by
the total temperature range.
Note 8:Comparator thresholds are expressed in terms of a voltage differential at the feedback terminal below the
nominal reference voltage measured at Vo+1V input. To express these thresholds in terms of output voltage
change, multiply by the error amplifier gain = Vout/Vin=(R1+R2)/R2. For example, at a programmed output
voltage of 5V, the error output is guaranteed to go low when the output drops by 95mV×5V/1.235=384mV.
Thresholds remain constant as a percent of Vout as Vout is varied, with the dropout warning occurring at
typically 5% below nominal, 7.5% guaranteed.
Note 9:Vshutdown≥2V, Vin≤30V, Vout=0, feedback pin tied to –XX V tap.
Block Diagram and Typical Applications
CAP
60mV
FEEDBACK
INPUT
OUTPUT
SENSE
XX V TAP
ERROR
GROUND
SHUTDOWN
TO CMOS
OR TTL
Vo=XX V
100mA Max
1.23V
REF
ERROR AMPLIFIER
4
5
6
2
1
8
7
3


Similar Part No. - PL2951-XXQ8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL2950 CYSTEKEC-PL2950 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
PL2950-2.85 CYSTEKEC-PL2950-2.85 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
PL2950-3.0 CYSTEKEC-PL2950-3.0 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
PL2950-3.3 CYSTEKEC-PL2950-3.3 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
More results

Similar Description - PL2951-XXQ8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
LP2950 SIPEX-LP2950_07 Datasheet
812Kb / 15P
   100mA Low Dropout Voltage Regulators
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
   100mA Low Dropout Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM2930 HTC-LM2930 Datasheet
138Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Linear Dimensions Semic...
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com